Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C075AJ-00 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # C075AJ-00
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

C075AJ-00 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  C075AJ-00 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
█ 芯片简介
█ 管芯示意图
 
 
 
 
 
█ 极限值(T
a=25℃)(TO-92L)
 
 
 
 
 
 
 
 
█ 电参数(T
a=25℃)
(TO-92L)
参数符号
最小值 典型值 最大值
单位
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
fT
Cob
集电极— 基极击穿电压
集电极— 发射极击穿电压
发射极— 基极击穿电压
集电极— 基极截止电流
发射极— 基极截止电流
直流电流增益
集电极— 发射极饱和电压
基极— 发射极饱和电压
特征频率
共基极输出电容
50
50
5
70
40
100
30
1
1
240
0.5
1.2
V
V
V
µA
µA
V
V
MHz
pF
IC=100µA ,IE=0
IC=10mA,IB=0
IE=100µA ,IC=0
VCB=50V,IE=0
VEB=5V,IC=0
VCE=2V,IC=500 mA
VCE=2V,IC=1.5A
IC=1A,IB=50mA
IC=1A,IB=50mA
VCE=2V,IC=500mA
VCB=10V,IE=0,f=1MHz
NPN
S I L I C O N
T R A N S I S T O R
Tstg——贮存温度…………………………………-55~150℃
Tj——结温………………………………………………150℃ 
PC——集电极功率耗散(Ta=25℃)…………………900mW
VCBO——集电极—基极电压……………………………50V
VCEO——集电极—发射极电压…………………………50V
VEBO——发射极—基极电压………………………………5V
IC——集电极电流…………………………………………2A
IB——基极电流…………………………………………0.5A
2655 晶体管芯片说明书
芯片尺寸:4 英寸(100mm)
芯片代码:C075AJ-00
芯片厚度:240±20µm
管芯尺寸:750×750µm 2
焊位尺寸:B 极 165×170µm2;E 极 150×165µm2
电极金属:铝
背面金属:金
典型封装:2SC2655


Similar Part No. - C075AJ-00

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
C075AJ-01 HUASHAN-C075AJ-01 Datasheet
231Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - C075AJ-00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com