Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44-6553-16 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 44-6553-16
Description  Universal Zero-Insertion-Force DIP Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

44-6553-16 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  44-6553-16 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Aries Universal Test Socket accepts devices on 0.300 to 0.600 [7.62 to 15.24] cen-
ters.
• All pin count sockets go into PCB with either 0.300 or 0.600 [7.62 to 15.24] centers.
• Contacts are normally closed to eliminate dependence on plastic to sustain contact.
• Socket handle can be configured with closed contacts (on) when in the UP or DOWN
position, and can be mounted on either the right or left side.
• Sockets can be soldered into PCBs or plugged into any socket. Socket fits into Aries’
or any competitive test socket receptacle.
GENERAL SPECIFICATIONS
• SOCKET BODY: black UL 94V-0 glass-filled Polyphenylene Sulfide (PPS)
• HANDLE: Stainless Steel
• HANDLE KNOB: Brass 360, 1/2-hard
• CONTACTS: BeCu 172 per QQ-C-533 or NiB (Spinodal)
• CONTACT PLATING: 50μ [1.27μ] min. Ni under-plate per QQ-N-290, over-plated
with either 200μ [5.08μ] min. matte Sn per ASTM
B545-97 or 200μ [5.08μ] 90/10 Sn/Pb per MIL-
T-10727 or 10μ [0.254μ] min. Au per MIL-G-45204
• SPINODAL CONTACT PLATING: 50μ [1.27μ] min.
NiB
• CONTACT CURRENT RATING: 1 amp
• INSULATION RESISTANCE: 1000 mΩ min.
• DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC
• LIFE CYCLE: 25,000 to 50,000 cycles
• OPERATING TEMPERATURE: -67°F [-55°C] min.;
221°F [105°C] max. for Sn plating; 302°F [150°C]
for Au plating; 392°F [200°C] for NiB plating
• RETENTION FORCE (closed): 55g/pin based on a
0.020 [0.51] dia. test lead
• ACCEPTS LEADS: 0.015-0.045 [0.38-1.14] wide,
0.110-0.280 [2.79-7.11] long
MOUNTING CONSIDERATIONS
• See Socket Footprint below
10001
Rev. AA
Series X55X Universal Zero-Insertion-Force
DIP Test Socket
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” = (NO. OF PINS PER ROW x 0.100 [2.54]) + 0.590 [14.99]
“B” = (NO. OF PINS PER ROW -1) x 0.100 [2.54]
“C” = (NO. OF PINS PER ROW x 0.100 [2.54] + 0.415 [10.54]
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
Pins
24, 28, 32, 36,
40, 42, 44, 48
Row-to-Row Spacing (btm)
3 = 0.300 [7.62]
6 = 0.600 [15.24]
ORDERING INFORMATION
XX-X55X-1 X
Plating
0 = Sn over Ni
0TL = Sn/Pb over Ni
1 = Au over Ni
6 = NiB (Spinodal)
Solder Pin Tail
Handle Options
1 = Left, up is on
2 = Right, up is on
3 = Left, down is on
4 = Right, down is on (std)
NOTE: “on” = closed contacts


Similar Part No. - 44-6553-16

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
44-6553-18 ARIES-44-6553-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
44-6553-18 ARIES-44-6553-18 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
More results

Similar Description - 44-6553-16

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3570-10 ARIES-24-3570-10 Datasheet
551Kb / 2P
   Quick-Release Universal Zero-Insertion-Force DIP Test Socket
24-3551-18 ARIES-24-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com