Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK1117-1.25 Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK1117-1.25
Description  1.0A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK1117-1.25 Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK1117-1.25 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK1117-1.25 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK1117-1.25 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK1117-1.25 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CHIP PAD DIAGRAM
06
2.26 0.03
±
03
01
05
04
(0,0)
02
Thickness of chip 0,46
±0,02 mm
PAD LOCATION
Pad No
Symbol*
X
Y
Pad size** ,
mm
01
output
0.070
1.800
0.160x0.195
02
adjust
0.070
0.090
0.180x0.185
03
output
1.515
0.410
0.190x0.170
04
input
2.010
0.935
0.180x0.205
05
input
0.875
0.760
0.165x0.175
06
output
1.515
1.575
0.190x0.170
* Pads 01, 03, 06 connected in the chip.
Pads 04, 05 connected in the chip.
** Pad size is given as per metallization layer
3
KK317


Similar Part No. - KK1117-1.25

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KK1100A LUGUANG-KK1100A Datasheet
3Mb / 3P
   FAST TURN-OFF THYRISTORS
logo
SanRex Corporation
KK110F120 SANREX-KK110F120 Datasheet
616Kb / 2P
   THYRISTOR MODULE
KK110F160 SANREX-KK110F160 Datasheet
616Kb / 2P
   THYRISTOR MODULE
KK110F40 SANREX-KK110F40 Datasheet
616Kb / 2P
   THYRISTOR MODULE
KK110F80 SANREX-KK110F80 Datasheet
616Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - KK1117-1.25

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com