Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT75A24LS-RF Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # BT75A24LS-RF
Description  Voltage Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BT75A24LS-RF Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  BT75A24LS-RF Datasheet HTML 1Page - KODENSHI_AUK CORP. BT75A24LS-RF Datasheet HTML 2Page - KODENSHI_AUK CORP. BT75A24LS-RF Datasheet HTML 3Page - KODENSHI_AUK CORP. BT75A24LS-RF Datasheet HTML 4Page - KODENSHI_AUK CORP. BT75A24LS-RF Datasheet HTML 5Page - KODENSHI_AUK CORP. BT75A24LS-RF Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK75Axx
Voltage Detector
FUNCTIONS
BT75X X
OUT
VSS VCC
OUT
1
2
3
VSS
VCC
SOT-23
TO-92
• Detecting against error operations at the power ON/OFF
• Resetting function for low voltage microprocessor
• Checking low battery
• Active Low
• CMOS or open drain output (mask option)
• Tolerance ± 2%
FEATURES
• Low Power Consumption
• Low Temperature Coefficient
• Built-in Voltage Reference
• Comparator Hysteresis
• TO-92, SOT-23 packages are available
GENERAL DESCRIPTION
The KK75AXX series are the voltage detectors, consist of a high-precision voltage reference, a comparator with
precise thresholds and built-in hysteresis and an output driver.
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-0.3 ~ +8.0
V
Operating Temperature
Topr
-10 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +125
oC
Output Current
IO
30
mA
1


Similar Part No. - BT75A24LS-RF

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BT757 EDAL-BT757 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-10 EDAL-BT757-10 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-100 EDAL-BT757-100 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-120 EDAL-BT757-120 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-150 EDAL-BT757-150 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - BT75A24LS-RF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com