Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-FIAM5MS2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # M-FIAM5MS2
Description  Military 28Vin Filter Input Attenuator Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM5MS2 Datasheet(HTML) 1 Page - Vicor Corporation

  M-FIAM5MS2 Datasheet HTML 1Page - Vicor Corporation M-FIAM5MS2 Datasheet HTML 2Page - Vicor Corporation M-FIAM5MS2 Datasheet HTML 3Page - Vicor Corporation M-FIAM5MS2 Datasheet HTML 4Page - Vicor Corporation M-FIAM5MS2 Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MFIAM5
Rev. 1.7
Page 1 of 5
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Remarks
Input voltage
18Vdc
28Vdc
36Vdc
Continuous
Output current
20A
Inrush limiting
0.007A/µF
Transient immunity
MIL-STD-704E
See footnote 1
EMI:MIL-STD-461E
Conducted emissions:
CE101, CE102
Conducted susceptibility: CS101, CS114, CS115, CS116
Dielectric withstand
1,500Vrms
Input/Output to Base
2,121Vdc
Input/Output to Base
Efficiency
96%
98%
Internal voltage drop
0.5
1.0
@20A, 100°C baseplate
ON/OFF control
Enable (ON)
0.0Vdc
1.0Vdc
Referenced to –Vout.
Disable (OFF)
3.5Vdc
5.0Vdc
100kΩ internal pull-up resistor
External capacitance
See illustration C1 on page 3.
330µF
1000µF
50V
Weight
3.1 (88)
4 (113)
Ounces (grams)
Warranty
2
Years
Parameter
Rating
Unit
Notes
+In to –In
36
Vdc
Continuous
+In to –In
50
Vdc
100ms
Mounting torque
5(0.57)
in-lbs
6 each, #4-40 or M3
Pin Soldering temperature
500 (260)
°F(°C)
<5 sec; wave solder
Pin Soldering temperature
750 (390)
°F(°C)
<7 sec; hand solder
Operating temperature H– Grade
-40 to +100
°C
Baseplate
Storage temperature H– Grade
-55 to +125
°C
Operating temperature M– Grade
-55 to +100
°C
Baseplate
Storage temperature M– Grade
-65 to +125
°C
Features
• EMI filtering-MIL-STD-461E
• Transient protection-MIL-STD-704E 1
• Environments-MIL-STD-810, MIL-STD-202
• Environmental stress screening
• Low profile mounting options
• Output current up to 20 Amps
• Mini sized package
• Inrush current limiting
• Reverse polarity protection
Product Highlights
The M-FIAM5 is a DC front-end module
that provides EMI filtering and transient
protection required in military applications.
The M-FIAM5 enables designers using
Vicor 2nd Generation 24V DC-DC converters
to meet conducted emission/conducted
susceptibility per MIL-STD-461E; and
input transients per MIL-STD-704E1. The
M-FIAM5 accepts an input voltage of
18-36Vdc and delivers output current
up to 20 Amps.
M-FIAM5 is housed in an industry
standard "half brick" module measuring
2.28" x 2.2" x 0.5" and depending upon
model selected, may be mounted on-board
or in-board for height critical applications.
Compatible Products
• 2nd Generation 24V Input
DC-DC converters
Part Number Format
*Compatible with SurfMate and InMate socketing system.
Thermal Resistance
Parameter
Typ
Baseplate to sink; flat, greased surface
0.16°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.1°C/Watt
Baseplate to ambient
7.9°C/Watt
Baseplate to sink; 1000 LFM
2.2°C/Watt
M-FIAM5
Military 28Vin Filter
Input Attenuator Module
45
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Specifications
(typical at TBP = 25ºC, nominal line, 75% load, unless otherwise specified)
Absolute Maximum Rating
M-FIAM5 M
2
1
Product
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Product Grade(°C)
H = –40 to +100
M = –55 to +100
Temp
Environment
MTBF
Unit
25°C
Ground Benign:G.B.
3,334,295
Hrs
50°C
Naval Sheltered:N.S.
786,893
Hrs
65°C
Airborne Inhabited Cargo:A.I.C.
650,187
Hrs
MTBF per MIL-HDBK-217F
Pin Style
1 = Short
2 = Long
*S=Short ModuMate
*N=Long ModuMate
1 MIL-STD-704E Compliance requires an external circuit. See addendum A


Similar Part No. - M-FIAM5MS2

ManufacturerPart #DatasheetDescription
logo
Powerbox
M-FIAM5M11 POWERBOX-M-FIAM5M11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5M12 POWERBOX-M-FIAM5M12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5M13 POWERBOX-M-FIAM5M13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5M21 POWERBOX-M-FIAM5M21 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM5M22 POWERBOX-M-FIAM5M22 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM5MS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
logo
Powerbox
VI-A11-CU POWERBOX-VI-A11-CU Datasheet
401Kb / 1P
   FILTER INPUT ATTENUATOR MODULE
logo
Vicor Corporation
FIAM VICOR-FIAM Datasheet
156Kb / 4P
   Filter Input Attenuator Module
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
   Military Input Attenuator Modules
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com