Electronic Components Datasheet Search |
|
20-002.5-104STL Datasheet(PDF) 1 Page - Aries Electronics, Inc. |
|
20-002.5-104STL Datasheet(HTML) 1 Page - Aries Electronics, Inc. |
|
1 / 1 page Series 100 thru 111 DIP Jumpers Note: Aries specializes in custom design and production. In addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. Aries reserves the right to change product specifications without notice. FEATURES: • Aries offers a wide array of DIP jumper configurations and wiring possibilities for all your programming needs. • Reliable, electronically tested solder connections. • Protective covers are ultrasonically welded on and provide strain relief for cables. • 10-color cable allows for easy identification and tracing. • Consult factory for jumper lengths under 2.000 [50.80]. SPECIFICATIONS: • Header body and cover is black UL 94V-0 4/6 Nylon. • Header pins are Brass, 1/2 hard. • Standard Pin plating is 10 μ [.25μm] min. Gold per MIL-G-45204 over 50 μ [1.27μm] min. Nickel per QQ-N-290. • Optional Plating: “T” = 200 μ” [5.08μm] min. Matte Tin per ASTM B545-97 over 50μ” [1.27μm] min. Nickel per QQ-N-290. “TL” = 200 μ” [5.08μm] 90/10 Tin/Lead per MIL-T-10727 Type I over 50μ” [1.27μm] min. Nickel per QQ-N-290. • Cable insulation is UL Style 2697 Polyvinyl Chloride (PVC). • Laminate is clear PVC, self-extinguishing. ** • .050 [1.27] pitch conductors are 28 AWG, 7/36 strand, Tinned Copper per ASTM B 33 (.039 [.99] pitch conductors are 26 AWG, 7/34 strand). • Cable current rating=1 Amp @ 10°C [50°F] above ambient. • Cable voltage rating=300 Volts. • Cable temperature rating=176°F [80°C]. • Cable capacitance=13.0 pf/ft. [42.7pf/meter] nominal @1 MHz.** • Crosstalk: 10’ sample, 5 ns rise time with 2 lines driven. Near end=4.7%; Far end=4.3% nominal.** • Propagation delay=1.5 ns/ft. [4.9 ns/meter] nominal.** • Insulation resistance=1010 Ohms (10 ft. [3 meters] min.). **Note: Applies to .050 [1.27] pitch cable only. MOUNTING CONSIDERATIONS: •Suggested PCB hole size=.033 ± .002 [.86 ±.05]. XX-XXXX-XXXXXX ORDERING INFORMATION SERIES 100 SERIES 101 HEADER DETAIL “A”=(NO. OF CONDUCTORS X .050 [1.27) + .095 [2.41] “B”=(NO. OF CONDUCTORS - 1) X .050 [1.27] Cable length in inches: Ex: 2” = -002- 2.5” = -002.5- (min. length=2.”[50.80mm]) Note: 10, 12, 18, 20, & 28 conductor jumpers do not have numbers on covers. Numbers shown pin side for reference only. Centers “C” Dim. “D” Available Sizes .300 [7.62] .395 [10.03] 4 thru 20 .400 [10.16] .495 [12.57] 22 .600 [15.24] .695 [17.65] 24, 28, 40 See Data Sheet No. 11007 for other configurations and additional information. Optional suffix: T=Tin plated header pins TL= Tin/Lead plated header pins TW=twisted pair cable ST=stripped and Tin Dipped ends (Series 106-111) STL= stripped and Tin/Lead Dipped Ends (Series 106-111) No. of conductors (see table) “L” ± .125 “L” ± .125 Jumper series PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED 11006 REV. H All Dimensions: Inches [Millimeters] All tolerances ± .005[.13] unless otherwise specified Bristol, PA USA TEL: (215) 781-9956 FAX: (215) 781-9845 http://www.arieselec.com • info@arieselec.com abc |
Similar Part No. - 20-002.5-104STL |
|
Similar Description - 20-002.5-104STL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |