Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT75A35LF-RF Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # BT75A35LF-RF
Description  Voltage Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BT75A35LF-RF Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  BT75A35LF-RF Datasheet HTML 1Page - KODENSHI_AUK CORP. BT75A35LF-RF Datasheet HTML 2Page - KODENSHI_AUK CORP. BT75A35LF-RF Datasheet HTML 3Page - KODENSHI_AUK CORP. BT75A35LF-RF Datasheet HTML 4Page - KODENSHI_AUK CORP. BT75A35LF-RF Datasheet HTML 5Page - KODENSHI_AUK CORP. BT75A35LF-RF Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
1. OUTPUT VOLTAGE vs. SUPPLY VOLTAGE
2. OUTPUT LOW CURRENT vs. SUPPLY VOLTAGE
BT75A25
BT75A25
01
2
3
0
1
2
3
Supply Voltage: V
(V)
CC
Ta=25 C
O
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
Supply Voltage: V
(V)
CC
Ta=25 C
O
V
=0.5V
OUT
3. NORMALIZED VOL vs. TEMPERATURE
NORMALIZED VOH vs. TEMPERATURE
-50
0
+50
+100
0.94
0.96
0.98
1
1.02
1.04
1.06
Temperature, T ( C)
A
O
V
=3.5V, I
=2.5mA
CC
OH
V
=2.5V, I
=1.5mA
CC
OH
V=5V, I
=3.5mA
CC
OH
-50
0
+50
+100
0.6
0.8
1
1.2
1.4
1.6
Temperature, T ( C)
A
O
4. VOL vs. OUTPUT CURRENT
VCC - VOH vs. OUTPUT CURRENT
0
2
4
6
8
0
100
200
300
400
500
Output Current, I
(mA)
OL
V=5V
CC
V
=2.5V
CC
V
=1.6V
CC
0
2
4
6
8
0
100
200
300
400
500
600
700
800
Output Current, I
(mA)
OH
V=5V
CC
V
=3.5V
CC
3
KK75Axx


Similar Part No. - BT75A35LF-RF

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
BT757 EDAL-BT757 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-10 EDAL-BT757-10 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-100 EDAL-BT757-100 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-120 EDAL-BT757-120 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757-150 EDAL-BT757-150 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - BT75A35LF-RF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com