Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVU-5M5QS4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVU-5M5QS4
Description  SUPER BRIGHTNESS LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5QS4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVU-5M5QS4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5QS4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5QS4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5QS4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Dice Material : AlGaInP/GaAs Amber
Light Color : Amber Color
Lens Color : Water Transparent
Stand-Off P/N : BVU-5M5QS4 R
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
V
I R
A
n m
n m
2
1/2
Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin
M
N
O
P
Q
R
Min.
2180
2800
3600
4650
6000
7800
Max.
2800
3600
4650
6000
7800
10000
Tolerance ± 15%mcd
2006/3/23 – A
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of lamps.
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
Viewing Angle
I F = 20 mA
30
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
Peak Emission Wavelength
I F = 20 mA
611
Dominant Wavelength
I F = 20 mA
605
100
Forward Voltage
I F = 20 mA
2.0
2.6
Reverse Current
V R= 5V
Lead Solder Temperature 1.6 mm Below Package 260
for 5 seconds
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
Operating Temperature Range
40
to
100
Storage Temperature Range
40
to
100
Reverse Voltage
5
Derating Linear From 50
0.4
Continuous Forward Current
30
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
160
PARAMETER
MAX.
Power Dissipation
75
PACKAGE CONFIGURATION
SUPER BRIGHTNESS LED LAMP
DESCRIPTION
BVU-5M5QS4
CATHODE
CATHODE
1.3
5.9
5.9
4.9
5.0
7.6
1.0
25.4Min.
2.54
11.8
0.5
2.54
25.4Min.
1.0
1.0Min.
0.5
1.0Max.
60
0
30
-60
-30
Relative Luminous Intensity ( Iv % )
0
25
50
75
100
25
50
75
100


Similar Part No. - BVU-5M5QS4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-5M5QG4 BVLED-BVU-5M5QG4 Datasheet
213Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5QH4 BVLED-BVU-5M5QH4 Datasheet
212Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-5M5QT4 BVLED-BVU-5M5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
More results

Similar Description - BVU-5M5QS4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-3K0BE4 BVLED-BVU-3K0BE4 Datasheet
258Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-5D51QH4 BVLED-BVU-5D51QH4 Datasheet
252Kb / 3P
   SUPER BRIGHTNESS LED LAMP
BVU-5K5TH4 BVLED-BVU-5K5TH4 Datasheet
239Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-3A16QA4 BVLED-BVU-3A16QA4 Datasheet
254Kb / 3P
   SUPER BRIGHTNESS LED LAMP
BVU-3P0QH4 BVLED-BVU-3P0QH4 Datasheet
233Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-3P2TH4 BVLED-BVU-3P2TH4 Datasheet
248Kb / 3P
   SUPER BRIGHTNESS LED LAMP
BVU-5E1TH4 BVLED-BVU-5E1TH4 Datasheet
240Kb / 4P
   SUPER BRIGHTNESS LED LAMP
logo
AUK corp
SR5312-V AUK-SR5312-V Datasheet
232Kb / 3P
   Super Brightness LED Lamp
logo
Bright View Electronic ...
BVU-5M5UG4 BVLED-BVU-5M5UG4 Datasheet
239Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-3A16YA4 BVLED-BVU-3A16YA4 Datasheet
254Kb / 3P
   SUPER BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com