Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-RAM-I1 Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-RAM-I1
Description  Ripple Attenuator Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-RAM-I1 Datasheet(HTML) 1 Page - Vicor Corporation

  VI-RAM-I1 Datasheet HTML 1Page - Vicor Corporation VI-RAM-I1 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 1-800-735-6200
78
Features
s Reduces Output Ripple to <3 mV pp
s Compatible with any VI-200/VI-J00-
based Product: 5 to 50Vdc Output
s Full Attenuation Up to 20A
s No Adjustments Required
s 93-99% Efficiency
s Converter Sense, Trim, Overvoltage
and Overcurrent Retained
s Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7)
s CE Marked
Product Highlights
Ripple attenuator modules may be
connected to VI-200 or VI-J00 converters,
FlatPACs, MegaPACs, MasterModules or
MegaModules, with output voltages from
5 to 50V, to limit output noise to less than
3mV peak-to-peak at loads up to 20A.
Combining active and passive filtering, the
VI-RAM attenuates both low frequency
input power source fundamental and
harmonics, and high frequency switching
components in the frequency range of DC
to 20 MHz, while exhibiting efficiencies of
93-99%. No adjustments are required, and
remote sense and output voltage trim
features are retained.
A member of Vicor’s high-power density,
high performance, component-level power
building blocks, the VI-RAM offers the
power systems architect a single, flexible,
component-level solution to almost any
“clean power” problem. At the same time,
the VI-RAM eliminates the space,
efficiency, and weight penalties associated
with linear power sources, and the stability,
efficiency, and adjustment penalties
associated with external “add on” filters for
conventional switchers.
VI-RAM™
Ripple Attenuator
Modules
VI-RAM Specifications
(typical at TBP = 25°C, nominal line, 75% load unless otherwise specified)
Parameter (Up to 10A)
VI-RAM-E1
VI-RAM-C1
VI-RAM-I1
VI-RAM-M1
(Up to 20A)
VI-RAM-E2
VI-RAM-C2
VI-RAM-I2
VI-RAM-M2
Storage Temp.
-20°C to +105°C
-40°C to +105°C -55°C to +105°C
-65°C to +105°C
Operating Temp.
-10°C to +100°
-25°C to +100°C -40°C to +100°C
-55°C to +100°C
(Baseplate)
Parameter
Min.
Typ.
Max.
Remarks
Output Noise & Ripple
VI-200
3 mV pp
From 10% of full rated
VI-J00
10 mV pp
output current of the
source converter to full load
Input Voltage Range
5 Vdc
50 Vdc
Output Voltage Deviation
0.5%
From the output voltage of the
VI-200 source to which the
VI-RAM will be connected
Full Load Current
10Amps
E1, C1, I1 or M1
20Amps
E2, C2, I2 or M2
Overload Current
30Amps
At max. allowable baseplate
temperature
DC Voltage Drop
0.34
0.41
Up to 10Amps
0.34
0.44
Up to 20Amps
0.34
0.75
Up to 30Amps (overload)
Dissipation = (DC voltage drop) x (Load current + 15 mA)
Isolation
500VRMS
Input/Output to baseplate
Size
2.28" x 2.4" x 0.5"
SlimMod and FinMod
(57,9 x 61,0 x 12,7)
packages available
Weight
3.0 Ounces (85 Grams)
Product Grade Specifications
Transient Response and Dynamic Range: Full rated noise attenuation will be maintained at
the VI-RAM output for step load changes up to 10% of the rated output current of the source
converter, with the VI-RAM exhibiting an underdamped output excursion of less than 10 mV pp.
Some degradation in noise attenuation during the transient response period following the step may
be exhibited for larger load changes. Adding output capacitance to the VI-RAM will improve the
rejection over a larger dynamic range.
Sense Connection: Sense-in and sense-out connections are provided on the VI-RAM. Sense-in
connections must be connected to the corresponding sense connections on the Vicor converter.
Sense-out pins on the VI-RAM must be connected between the VI-RAM power-output pins, and the
point of load.
Output Load Characteristics: When used in combination with Vicor DC-DC converters, and
with sense leads connected, the VI-RAM will be stable for any non-inductive load.
DC Voltage Drop: Below full load, the input to output DC Voltage Drop is controlled to be an
essentially constant voltage which appears between the –IN and –OUT terminals. In overload the
DC voltage drop will rise as current increases. A few tens of millivolts appears between the +IN and
+OUT terminals. Care should be taken not to connect IN and OUT terminals (i.e. through scope
probe returns, grounds, etc.), as attenuation will be adversely affected.
Electrical Considerations


Similar Part No. - VI-RAM-I1

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-RAM-I-C1 POWERBOX-VI-RAM-I-C1 Datasheet
695Kb / 1P
   FILTER OUTPUT ATTENUATOR MODULE
VI-RAM-I-C2 POWERBOX-VI-RAM-I-C2 Datasheet
695Kb / 1P
   FILTER OUTPUT ATTENUATOR MODULE
More results

Similar Description - VI-RAM-I1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-RAM VICOR-MI-RAM Datasheet
209Kb / 1P
   Military Ripple Attenuator Modules
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
logo
Vicor Corporation
VI-HAM VICOR-VI-HAM Datasheet
162Kb / 6P
   Harmonic Attenuator Modules
VI-HAM-EM VICOR-VI-HAM-EM Datasheet
223Kb / 6P
   Harmonic Attenuator Modules
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
   Input Attenuator Modules
QPO-2L VICOR-QPO-2L Datasheet
290Kb / 12P
   QPO-2L Low Voltage Output Ripple Attenuator
QPO-2 VICOR-QPO-2 Datasheet
370Kb / 11P
   QPO-2 Low Voltage Output Ripple Attenuator
MI-IAM VICOR-MI-IAM Datasheet
202Kb / 2P
   Military Input Attenuator Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com