Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1815 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H1815
Description  NPN SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H1815 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H1815 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
H1815
NPN SILICON TRANSISTOR
AUDIO FREQUENCY AMPLIFIER
HIGH FREQUENCY OSC
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………400mW
VCBO——Collector-Base Voltage………………………………60V
VCEO——Collector-Emitter Voltage……………………………50V
VEBO——Emitter-Base Voltage………………………………5V
IC——Collector Current……………………………………150mA
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
ICBO
Collector Cut-off Current
100
nA
VCB=60V, IE=0
IEBO
Emitter Cut-off Current
100
nA
VEB=5V, IC=0
HFE(1)
DC Current Gain
70
700
VCE=6V, IC=2mA
HFE(2)
25
VCE=6V, IC=150mA
VCE(sat)
Collector- Emitter Saturation Voltage
250
mV
IC=100mA, IB=10mA
VBE(sat)
Base-Emitter Saturation Voltage
1.0
V
IC=100mA, IB=10mA
BVCBO
Collector-Base Breakdown Voltage
60
V
IC=100μA,
IE=0
BVCEO
Collector-Emitter Breakdown Voltage
50
V
IC=1mA,
IB=0
BVEBO
Emitter-Base Breakdown Voltage
5
V
IE=100μA,IC=0
fT
Current Gain-Bandwidth Product
80
MHz
VCE=10V, IC=1mA
█ hFE Classification
O
Y
GR
BL
70—140
120—240
200—400
350—700


Similar Part No. - H1815

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
H1815 KISEMICONDUCTOR-H1815 Datasheet
149Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - H1815

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com