Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN1HS2 Datasheet(PDF) 11 Page - Vicor Corporation

Part # EN1HS2
Description  ENMods Component Power Front End System for EN Compliance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1HS2 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button EN1HS2 Datasheet HTML 4Page - Vicor Corporation EN1HS2 Datasheet HTML 5Page - Vicor Corporation EN1HS2 Datasheet HTML 6Page - Vicor Corporation EN1HS2 Datasheet HTML 7Page - Vicor Corporation EN1HS2 Datasheet HTML 8Page - Vicor Corporation EN1HS2 Datasheet HTML 9Page - Vicor Corporation EN1HS2 Datasheet HTML 10Page - Vicor Corporation EN1HS2 Datasheet HTML 11Page - Vicor Corporation EN1HS2 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 1.3
Page 11 of 12
PCB Mounting Specifications
Mechanical Diagram
(2X)
0.01
0.35
8,8
0.12
3,1
DIA,(7X)
0.150
3,81
(REF)
DIA,(2X)
0.080
2,03
4
3
1
98
2
76
5
0.23
5,8
0.400
10,16
1.400
35,56
1.000
25,40
0.700
17,78
2.20
55,9
1.74
44,2
1.900
48,26
0.300
±0.015
7,62
±0,38
0.300
±0.015
7,62
±0,38
FULL R (6X)
(6X)
(REF.)
0.10
2,5
2.000
50,80
1.30
33,0
2.28
57,9
2.20
55,9
0.130
3,30
0.10
2,5
0.49
12,4
0.65
16,5
0.06
1,5
R
(3X)
X 45˚
CHAMFER
Use a 4-40 Screw (6X)
Torque to:
5 in-lbs
0.57 N-m
0.54
13,7
0.42
10,6
Pin Style 2 &N
(Long)
0.62
15,7
Pin Style 1&S
(Short )
(9X)
(9X)
0.50
±0.02
12,7
±0,5
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
0.195
4,95
1.400*
35,56
1.000*
25,40
0.700*
17,78
0.400*
10,16
1.790
45,47
0.06
1,5
R
(4X)
0.158
4,01
5
6
7
8
9
12
34
±0.003
±0,08
* DENOTES
TOL =
PCB THICKNESS
0.062
±0.010
1,57
±0,25
PIN STYLE 1
0.094
±0.003
2,39
±0,08
INBOARD
SOLDER
MOUNT
0.43
10,9
0.53
13,5
1.900*
48.26
1.900*
48,26
1.584*
40,23
0.164
±0.003
4,16
±0,08
PIN STYLE 2
0.094
±0.003
2,39
±0,08
ONBOARD
SOLDER
MOUNT
0.164
±0.003
4,16
±0,08
PLATED
THRU HOLE
DIA
(7X)
(2X)
Note: Pin styles S & N require use of ModuMate interconnection socketing systems.
See SurfMate or InMate Design guides for PCB specifications.
ALUMINUM
BASEPLATE
ALL MARKINGS
THIS SURFACE
FARM3
MiniHAM
Pin No.
Function
Label
Function
Label
1
Neutral
N
Neutral /+ In
N /+
2
EMI
GND
NC
NC
3
Signal Return
SR
NC
NC
4
Line
L
Line /– In
L /–
5
–Out
Line /– Out
L /–
6
Enable
EN
NC
NC
7
Strap
ST
NC
NC
8
BUS OK
BOK
NC
NC
9
+Out
+
Neutral /+ Out
N /+


Similar Part No. - EN1HS2

ManufacturerPart #DatasheetDescription
logo
Powerbox
EN1HS2 POWERBOX-EN1HS2 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
EN1HS2 VICOR-EN1HS2 Datasheet
1Mb / 13P
   Component Power Front-end System for EN Compliance
EN1HS2 VICOR-EN1HS2 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1HS2 VICOR-EN1HS2 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
More results

Similar Description - EN1HS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com