Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3332 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H3332
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H3332 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H3332 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H3332 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
APPLICATIONS
High Voltage switching Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCBO
Collector-Base Breakdown Voltage
180
V
IC=10μA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
160
V
IC=1mA, IB=0
BVEBO
Emitter-Base Breakdown Voltage
6
V
IE=10μA,IC=0
ICBO
Collector Cut-off Current
0.1
μA
VCB=120V, IE=0
IEBO
Emitter Cut-off Current
0.1
μA
VEB=4V, IC=0
HFE(1)
DC Current Gain
100
400
VCE=5V, IC=100mA
HFE(2)
80
VCE=5V, IC=10mA
VCE(sat)
Collector- Emitter Saturation Voltage
0.12
0.4
V
IC=250mA, IB=25mA
VBE(sat)
Base-Emitter Saturation Voltage
0.85
1.2
V
IC=250mA, IB=25mA
fT
Current Gain-Bandwidth Product
120
MHz
VCE=10V, IC=50mA
Cob
Output Capacitance
8
pF
VCB=10V, IE=0
tON
Turn-on Time
50
nS
tSTG
Storage Time
1000
nS
tF
Fall Time
60
nS
See specified test circuit
hFE Classification
switching test Circuit:
R
S
T
100—200
140—280
200—400
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………700mW
VCBO——Collector-Base Voltage………………………………180V
VCEO——Collector-Emitter Voltage……………………………160V
VEBO——Emitter-Base Voltage………………………………6V
IC——Collector Current…………………………………………0.7A
ICP——Collector Current(Pulse)…………………………………1.5A
1―Emitter,E
2―Collector,C
3―Base,B
TO-92
H3332
NPN SILICON TRANSISTOR


Similar Part No. - H3332

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H33 MCC-H33 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H33-1 MCC-H33-1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H33-2 MCC-H33-2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H33-3 MCC-H33-3 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
SHANTOU HUASHAN ELECTRO...
H337 HUASHAN-H337 Datasheet
92Kb / 2P
   NPN SILICON TRANSISTOR
More results

Similar Description - H3332

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com