Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLC-50G Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KLC-50G
Description  Light Emitting Diode(InGaN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLC-50G Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KLC-50G Datasheet HTML 1Page - KODENSHI_AUK CORP. KLC-50G Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Emitting Diode(InGaN)
2/2
KLC-50 G
0
0.2
0.4
0.6
0.8
1
1.2
400 450 500 550 600 650
Wave Length[nm]
-20
0
20
0.1
1
10
80
60
40
100
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current vs.
Forward voltage
Relative intensity vs.
Wavelength
Radiant Pattern
Ambient temperature Ta [℃]
Forward current IF[mA]
Forward voltage VF[V]
Relative intensity(%)
Angle(deg)
Ambient temperature Ta [℃]
40
35
30
25
20
15
10
3.5
3.0
4.0
5
2.0
1.0
0
0
2.5
100
80
50
30
20
10
60
40
20
0
0
40
0
0
5
10
0.5
1
(IF)
1.5
15
20
25
30
35
50
+20
100
+4
0
50
0
100
-20
50
0
-40


Similar Part No. - KLC-50G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLC-50B KODENSHI-KLC-50B Datasheet
152Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50WC KODENSHI-KLC-50WC Datasheet
153Kb / 2P
   White Light Emitting Diode(InGaN)
More results

Similar Description - KLC-50G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLL-3EG KODENSHI-KLL-3EG Datasheet
175Kb / 2P
   Light Emitting Diode(InGaN)
KLB-16B KODENSHI-KLB-16B Datasheet
156Kb / 2P
   Light Emitting Diode(InGaN)
KLB-0315G KODENSHI-KLB-0315G Datasheet
191Kb / 2P
   Light Emitting Diode(InGaN)
KLC-50B KODENSHI-KLC-50B Datasheet
152Kb / 2P
   Light Emitting Diode(InGaN)
KLB-520B KODENSHI-KLB-520B Datasheet
154Kb / 2P
   Light Emitting Diode(InGaN)
KLL-3EB KODENSHI-KLL-3EB Datasheet
174Kb / 2P
   Light Emitting Diode(InGaN)
KLP-32B KODENSHI-KLP-32B Datasheet
203Kb / 2P
   Light Emitting Diode(InGaN)
KLB-11B KODENSHI-KLB-11B Datasheet
185Kb / 2P
   Light Emitting Diode(InGaN)
KLL-5EB KODENSHI-KLL-5EB Datasheet
154Kb / 2P
   Light Emitting Diode(InGaN)
KLB-520G KODENSHI-KLB-520G Datasheet
156Kb / 2P
   Light Emitting Diode(InGaN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com