Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RGP02
Description  Glass Passivated Junction Fast Switching Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGP02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RGP02 Datasheet HTML 1Page - Vishay Siliconix RGP02 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RGP02-12E THRU RGP02-20E
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88699
2
16-Jan-03
Ambient Temperature (
°C)
Fig. 1 — Forward Current
Derating Curve
Fig. 3 — Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 — Typical Reverse
Characteristics
Number of Cycles at 60 HZ
Fig. 2 — Maximum Non-Repetitive
Peak Forward Surge Current
Reverse Voltage (V)
Fig. 5 — Typical Junction
Capacitance
25
50
75
100
125
150
175
0
0.1
0.2
0.3
0.4
0.5
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
1
10
100
0
5
10
15
20
25
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.8
1.0
1.2
1.4
1.6
1.8
2
2.2
2.4
0.001
0.01
0.1
1
0
20
40
60
80
100
0.01
0.1
1
10
20
TJ = 125
°C
TJ = 75
°C
TJ = 25
°C
1
10
100
1
10
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - RGP02

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RGP02-12 EIC-RGP02-12 Datasheet
19Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12 GE-RGP02-12 Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
List of Unclassifed Man...
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
   0.5 Amp. Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
RGP02-12 ZOWIE-RGP02-12 Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RGP02-12 SUNMATE-RGP02-12 Datasheet
286Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - RGP02

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
General Semiconductor
GI810 GE-GI810 Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
1N4942 GE-1N4942 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com