Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7818 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H7818
Description  3-TERMINAL FIXED VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H7818 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H7818 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7818 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7818 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7818 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7818 Datasheet HTML 5Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
3-TERMINAL FIXED VOLTAGE REGULATOR
H 7818
█ Description
The H7818 series of three terminal positive Regulators are available in the TO-220 package and with
several fixed output voltages, making them useful in a wide range of applications. Each type employs
internal current limiting, Thermal shut down and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although
designed primarily as fixed voltage regulator, these devices can be used with external components to
obtain adjustable voltages and currents.
█ Features
1―INPUT
2―GND
3―OUTPUT
TO-220
Output current up to 1A
Output Voltages of 18V
Thermal Overload Protection
Short Circuit Protection
Output Transistor Safe Operating Area Protection
█ Absolute Maximum Ratings(T
a=25℃)
VI——Input Voltage (for VO=5V to 18V)……………… 35V
RθJC——Thermal Resistance Junction-Cases………… 5℃/W
RθJA——Thermal Resistance Junction-Air………… 65℃/W
TOPR——Operating Temperature Range…………… 0~125℃
TSTG——Storage Temperature Range…………… -65~150℃
1


Similar Part No. - H7818

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7818A HUASHAN-H7818A Datasheet
230Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7818AE HSMC-H7818AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7818BE HSMC-H7818BE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7818

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7810A HUASHAN-H7810A Datasheet
239Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7815 HUASHAN-H7815 Datasheet
350Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7808A HUASHAN-H7808A Datasheet
230Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L15 HUASHAN-H78L15 Datasheet
143Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L24 HUASHAN-H78L24 Datasheet
142Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7812A HUASHAN-H7812A Datasheet
230Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7805W HUASHAN-H7805W Datasheet
236Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7806A HUASHAN-H7806A Datasheet
231Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H78L05 HUASHAN-H78L05 Datasheet
60Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H79L18 HUASHAN-H79L18 Datasheet
462Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
H7809A HUASHAN-H7809A Datasheet
231Kb / 5P
   3-TERMINAL FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com