Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVZ-925BA4 Datasheet(PDF) 10 Page - Bright View Electronic Co., LTD.

Part # BVZ-925BA4
Description  LED solutions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-925BA4 Datasheet(HTML) 10 Page - Bright View Electronic Co., LTD.

Back Button BVZ-925BA4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 6Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 7Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 8Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 9Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 10Page - Bright View Electronic Co., LTD. BVZ-925BA4 Datasheet HTML 11Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(4) Soldering
Bright View LEDs use a copper alloy lead frame which provides a high thermal conductivity.
Thermal stress such as soldering heat may reduce the reliability of the product; particular
caution should be used to avoid damage prior to and during soldering.
The recommended soldering conditions are listed in the following table.
Cut the LED leadframes at room temperature. Cutting the leadframes at high temperature
Hand Soldering
350
Max.
120
Max.
3 seconds Max.
60 seconds Max.
No closer than 1.6 mm
260
Max.
from the base of the
5 seconds Max.
No lower than 1.6 mm from the
base of the stopper.
Soldering Time
Position
Temperature
Bright View Electronics
Although the recommended soldering conditions are specified in the below table, dip or
soldering at the lowest possible temperature is desirable.
Dip soldering and hand solding should not be done more than one time.
may cause failure of the LEDs.
When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperatu
Recommended soldering conditions
stopper.
Dip Soldering
Pre-Heat
Pre-Heat Time
Solder Bath Temperatu
Dipping Time
Dipping Position
the mechanical stress on the LEDs.
BVZ-925BA4
Solder the LED no closer than 1.6mm from the base of the stopper.


Similar Part No. - BVZ-925BA4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925GN4 BVLED-BVZ-925GN4 Datasheet
123Kb / 11P
   LED solutions
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
BVZ-925WI4 BVLED-BVZ-925WI4 Datasheet
193Kb / 4P
   SUPER FLUX LED
More results

Similar Description - BVZ-925BA4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
BVZ-925GN4 BVLED-BVZ-925GN4 Datasheet
123Kb / 11P
   LED solutions
logo
Advanced Thermal Soluti...
ATS-58000-C1-R0 ATS-ATS-58000-C1-R0 Datasheet
211Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
ATS-58001-C1-R0 ATS-ATS-58001-C1-R0 Datasheet
210Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
ATS-58002-C1-R0 ATS-ATS-58002-C1-R0 Datasheet
206Kb / 1P
   High Peformance LED Cooling Solutions
REV1_0908
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
   High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
NXP Semiconductors
AN10579 PHILIPS-AN10579_15 Datasheet
135Kb / 16P
   Driving LED light bars using NXP solutions
Rev. 01-1 February 2007
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com