Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7912 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # H7912
Description  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

H7912 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  H7912 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7912 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD H7912 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
H 7912
(unless otherwise specified,0℃≤TJ≤125℃,IO=500mA,VI=18V,CI=2.2μF,CO=1μF)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
-11.5
-12
-12.5
TJ=25℃
VO
Output Voltage
-11.4
-12
-12.6
V
IO=5.OmA to 1.0A, PO≤15W,
VI=-15.5V to -27V
12
240
TJ=25℃,VI=-14.5V to -30V
ΔVO
Line Regulation (Note1)
6
120
mV
TJ=25℃,VI=-16V to -22V
12
240
TJ=25℃,IO=5.0mA to 1.5A
ΔVO
Load Regulation (Note1)
4
120
mV
TJ=25℃,IO=250mA to 750mA
IQ
Quiescent Current
3
6
mA
TJ=25℃
0.05
0.5
IO=5mA to 1.0A
ΔIQ
Quiescent Current Change
0.1
1.0
mA
VI=-15V to -30V
ΔVO/ΔT
Output Voltage Drift
-0.8
mV/℃
IO=5mA
VN
Output Noise Voltage
200
μV
TA=25℃,f=10Hz to 100kHz
RR
Ripple Rejection
54
60
dB
f=120Hz, △VI=10V
VD
Dropout Voltage
2
V
TJ=25℃,IO=1A
ISC
Short Circuit Current
300
mA
TJ=25℃,VI=-35V
IPK
Peak Current
2.2
A
TJ=25℃
2


Similar Part No. - H7912

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Hi-Sincerity Mocroelect...
H7912AE HSMC-H7912AE Datasheet
46Kb / 4P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7912BE HSMC-H7912BE Datasheet
46Kb / 4P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7918 HUASHAN-H7918 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7908 HUASHAN-H7908 Datasheet
218Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com