Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9987CYT1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9987CYT1
Description  Buffered H-Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9987CYT1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9987CYT1 Datasheet HTML 1Page - Vishay Siliconix SI9987CYT1 Datasheet HTML 2Page - Vishay Siliconix SI9987CYT1 Datasheet HTML 3Page - Vishay Siliconix SI9987CYT1 Datasheet HTML 4Page - Vishay Siliconix SI9987CYT1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si9987
Vishay Siliconix
www.vishay.com
2
Document Number: 70864
S-40132—Rev. D, 16-Feb-04
ABSOLUTE MAXIMUM RATINGSa
Voltage on any pin with respect to ground
−0.3 V to VDD +0.3 V
. . . . . . . . . . .
Voltage on pins 5, 8 with respect to GND
−1 V to VDD +1 V
. . . . . . . . . . . . . .
Voltage on pins 1, 4
−0.3 V to GND +1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum VDD
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature (TJ)
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationb
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
qJA
100_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous IOUT Current (TJ = 135_C)c
TA = 25_C
"1.02 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = 70_C
"0.75 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = 85_C
"0.65 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
Si9987CY
0 to 70_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Si9987DY
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 10 mW/_C above 25_C.
c.
TJ = TA + (PD x qJA), PD = Power Dissipation .
RECOMMENDED OPERATING RANGE
VDD
3.8 V to 13.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature (TJ)
135_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
VDD = 3.8 to 13.2 V
SA @ GND, SB @ GND
Mina
Typb
Maxa
Unit
Input
Input Voltage High
VINH
2
V
Input Voltage Low
VINL
1
V
Input Current with Input Voltage High
IINH
VIN = 2 V
1
mA
Input Current with Input Voltage Low
IINL
VIN = 0 V
−1
mA
Output
IOUT = 1 A
VDD = 10.8 V
10.40
10.56
IOUT = −1 A
VDD = 4.5 V
4.00
4.20
Output Voltage Highc
VOUTH
IOUT = 500 mA
VDD = 10.8 V
10.60
10.68
pg
g
OUTH
IOUT = −500 mA
VDD = 4.5 V
4.25
4.35
IOUT = −300 mA, VDD = 3.8 V
3.63
3.70
V
IOUT = 1 A
VDD = 10.8 V
0.24
0.40
V
IOUT = 1 A
VDD = 4.5 V
0.30
0.50
Output Voltage Lowc
VOUTL
IOUT = 500 mA
VDD = 10.8 V
0.12
0.20
pg
OUTL
IOUT = 500 mA
VDD = 4.5 V
0.15
0.25
IOUT = 300 mA, VDD = 3.8 V
0.10
0.17
Output Leakage Current Low
IOLL
INA = INB w 2 V, VOUT = VDD = 13.2 V
0
10
mA
Output Leakage Current High
IOLH
VOUT = 0, VDD = 13.2 V
−10
0
mA
Output V Clamp High
VCLH
INA = INB w 2 V
IOUT = 100 mA
VDD +0.7
VDD +0.9
V
Output V Clamp Low
VCLL
INA = INB w 2 V
IOUT = −100 mA
−0.9
−0.7
V
Supply
VDD Supply Current
IDD
IN = 100 kHz, VDD = 5.5 V
1.8
2.5
mA
VDD Supply Current
IDD
INA = INB = 4.5 V, VDD = 5.5 V
75
125
mA
Dynamic
Propogation Delay Time
TPLH
VDD = 5 V
300
nS
Propogation Delay Time
TPHL
VDD = 5 V
100
nS
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
Maximum value measured at TJ = 135_C. Typical value measured at TJ = TA = 25_C (pulse width v 300 msec, duty cycle v 2%).


Similar Part No. - SI9987CYT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
More results

Similar Description - SI9987CYT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986 VISHAY-SI9986_07 Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com