Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68-304538-10-P Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 68-304538-10-P
Description  68-Pin PLCC w/Die Flipped-to-68-Pin PGA for 87C196 IC and Others
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

68-304538-10-P Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  68-304538-10-P Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Correct-A-Chip™ technology solves problems associated with the use of alter-
native ICs (due to availability, obsolescence, need for better performance, etc.)
by eliminating the need for new PCBs.
GENERAL SPECIFICATIONS
• PCB: FR-4, 0.062 [1.56] or 0.094 [2.39] thick
• MALE PIN: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• MALE PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 per ASTM B579-73 over 100µ
[2.54µ] Ni per SAE AMS-QQ-N-290
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.002 [0.71 ±0.05] dia.
18072
Rev. AA
P/N 68-304538-10 68-Pin PLCC w/Die
Flipped-to-68-Pin PGA for 87C196 IC and Others
Top
PLCC
Bottom
PGA
1
9
2
8
3
7
4
6
5
5
6
4
7
3
8
2
9
1
10
68
11
67
12
66
13
65
14
64
15
63
16
62
17
61
18
60
19
59
20
58
21
57
22
56
23
55
24
54
25
53
26
52
27
51
28
50
29
49
30
48
31
47
32
46
33
45
34
44
Top
PLCC
Bottom
PGA
35
43
36
42
37
41
38
40
39
39
40
38
41
37
42
36
43
35
44
34
45
33
46
32
47
31
48
30
49
29
50
28
51
27
52
26
53
25
54
24
55
23
56
22
57
21
58
20
59
19
60
18
61
17
62
16
63
15
64
14
65
13
66
12
67
11
68
10
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
ORDERING INFORMATION
68-304538-10-P
Optional Panelized Form


Similar Part No. - 68-304538-10-P

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
68-12-2AE OENINDIA-68-12-2AE Datasheet
119Kb / 1P
   MINIATURE POWER RELAY
68-12-2AE-XXX OENINDIA-68-12-2AE-XXX Datasheet
370Kb / 1P
   MINIATURE POWER RELAY
68-12-2CE OENINDIA-68-12-2CE Datasheet
119Kb / 1P
   MINIATURE POWER RELAY
68-12-2CE-XXX OENINDIA-68-12-2CE-XXX Datasheet
370Kb / 1P
   MINIATURE POWER RELAY
68-24-2AE OENINDIA-68-24-2AE Datasheet
119Kb / 1P
   MINIATURE POWER RELAY
More results

Similar Description - 68-304538-10-P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18072 ARIES-18072 Datasheet
604Kb / 1P
   P/N 68-304538-10 68-Pin PLCC w/Die Flipped-to-68-Pin PGA for 87C196 IC and Others
logo
Assmann Electronics Inc...
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
   PLCC SOCKET 68 PIN, TIN
logo
Aries Electronics, Inc.
18050 ARIES-18050 Datasheet
840Kb / 1P
   Zilog Z80180 68-Pin PLCC-to-64-Pin DIP
18054 ARIES-18054 Datasheet
552Kb / 1P
   68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
   68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
1109477 ARIES-1109477 Datasheet
754Kb / 1P
   64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
logo
List of Unclassifed Man...
PA552-68 ETC2-PA552-68 Datasheet
31Kb / 2P
   68 pin PLCC socket/40 pin DIP 0.6??plug
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
   68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Aries Electronics, Inc.
16-304633-18 ARIES-16-304633-18 Datasheet
423Kb / 1P
   20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
   68 POS. PLCC ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com