Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA114Y Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HA114Y
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HA114Y Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HA114Y Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HA114Y Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
Switching Circuit,Interface Circuit.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
-50 
 
 
V 
IC=-10μA,
IE=0
BVCEO
Collector-Emitter Breakdown Voltage
-50 
 
 
V 
IC=-1mA,
IB=0 
ICBO
Collector Cut-off Current
 
 
-0.1 
μA  VCB=-40V, IE=0
ICEO
Collector Cut-off Current
 
 
-0.5 
μA  VCE=-40V, IB=0
IEBO
Emitter Cut-off Current
-67 
-88 
-125 
μA  VEB=-5V, IC=0
HFE 
DC Current Gain 
30 
 
 
 
VCE=-5V, IC=-5mA 
VCE(sat) 
Collector- Emitter Saturation Voltage 
 
-0.1  -0.3 
V 
IC=-10mA, IB=-0.5mA 
(off)  Input Off Voltage 
-0.5  -0.7  -0.9 
V 
VCE=-5V, IC=-0.1mA 
(on)
Input On Voltage
-1.0  -2.0  -4.0 
V 
VCE=-0.2V, IC=-10mA
R1
Input Resistor
7.0 
10 
13 
Kohm   
R1/ R2
Resistor Ratio
0.193  0.213  0.234 
 
fT
Current Gain- Bandwidth Product
 
250 
 
MHz  VCE=-10V, IC=-5mA
Cob
Output Capacitance
 
5.5 
 
pF  VCB=-10V, f=1MHz
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………300mW
VCBO——Collector-Base Voltage………………………………-50V
VCEO——Collector-Emitter Voltage……………………………-50V
VEBO ——Emitter-Base Voltage………………………………-6V
IC——Collector Current……………………………………-100mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92S
HA114Y
PNP DIGITAL TRANSISTOR


Similar Part No. - HA114Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1141 ETC2-HA1141 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA11412 HITACHI-HA11412 Datasheet
74Kb / 2P
   COLOR TV CHROMA VIDEO SYSTEM
logo
List of Unclassifed Man...
HA11412 ETC2-HA11412 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Hitachi Semiconductor
HA11412A HITACHI-HA11412A Datasheet
74Kb / 2P
   COLOR TV CHROMA VIDEO SYSTEM
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
More results

Similar Description - HA114Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com