Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG26VS17400E Datasheet(PDF) 5 Page - Vanguard International Semiconductor

Part # VG26VS17400E
Description  4,194,304 x 4 - Bit CMOS Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS17400E Datasheet(HTML) 5 Page - Vanguard International Semiconductor

  VG26VS17400E Datasheet HTML 1Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 2Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 3Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Document : 1G5-0142
Rev.1
Page 5
VIS
VG26(V)(S)17400E
4,194,304 x 4 - Bit
CMOS Dynamic RAM
Absolute Maximum Rating
Recommended DC Operating Conditions
Capacitance
Ta = 25°C, VCC =
% or
%, f = 1MHz
Note : 1. Capacitance measured with effective capacitance measuring method.
2. CAS = VIH to disable Dout.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
5V
3.3V
VT
-1.0 to + 7.0
-0.5 to + 4.6
V
Supply voltage relative to Vss
5V
3.3V
Vcc
-1.0 to + 7.0
-0.5 to + 4.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TOPT
0 to + 70
°C
Storage temperature
TSTG
-55 to + 125
°C
Parameter/Condition
Symbol
5 Volt Version
3.3 Volt Version
Unit
Min
Typ
Max
Min
Typ
Max
Supply Voltage
Vcc
4.5
5.0
5.5
3.0
3.3
3.6
V
Input High Voltage, all inputs
VIH
2.4
-
VCC + 1.0
2.0
-
VCC + 0.3
V
Input Low Voltage, all inputs
VIL
-1.0
-
0.8
-0.3
-
0.8
V
Parameter
Symbol
Typ
Max
Unit
Note
Input capacitance (Address)
Cl1
-
5
pF
1
Input capacitance
(RAS, CAS, OE, WE)
Cl2
-
7
pF
1
Output capacitance
(Data - in, Data - out)
CI/O
-
7
pF
1,2
5V 10
±
3.3V 10
±


Similar Part No. - VG26VS17400E

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

Similar Description - VG26VS17400E

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com