Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-26N-IY Datasheet(PDF) 1 Page - Vicor Corporation

Part # MI-26N-IY
Description  Military DC-DC Converters 50 to 100W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-26N-IY Datasheet(HTML) 1 Page - Vicor Corporation

  MI-26N-IY Datasheet HTML 1Page - Vicor Corporation MI-26N-IY Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Highlights
The MI-Series is designed for
military applications and is based
on Vicor’s 1st Generation family of
zero-current/zero-voltage switching,
component level DC-DC converters.
Operating at frequencies in excess
of 1MHz, the MI-Series offers
state-of-the-art performance in
terms of power density, efficiency,
noise, ease of use, and reliability.
All units are manufactured in ISO
9001-registered facilities. Full
epoxy encapsulation in Vicor’s
industry standard package
enables the MI-Series to meet
MIL-STD-810 environmental
requirements for humidity,
fungus, salt, fog, explosive
atmosphere, acceleration,
vibration, and shock. (See page 32.)
Standard features such as wide
output trimming/programming,
current limiting, remote sense,
output inhibit, and latching
OVP and OTP combine to offer
a high degree of protection,
versatility, and reliability for
military power systems.
MI-200
TM
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Characteristics
Input voltage range
See input voltage chart
No load power dissipation
1.35
2.0
Watts
Output Characteristics
Set point accuracy
0.5
1.0
% Vnom
Load/line regulation
0.05
0.2
% Vnom
LL to HL, 10% to FL
0.2
0.5
% Vnom
LL to HL, NL to 10%
Output temperature drift
0.01
0.02
%/°C
Output noise - pp
1.0
1.5
% Vnom
Whichever is greater
100
150
mV
20MHz BW
Output voltage trimming(1)
50
110
% Vnom
Remote sense compensation
0.5
Vdc
OVP set point (2)
115
125
135
% Vnom
Latching
Current limit
105
125
% Inom
Auto restart
Short circuit current (3)
20
130
% Inom
Control Pin Characteristics
Gate-in high threshold
6
Vdc
Gate-in low threshold
0.65
Vdc
Gate-in low current
6
mA
Power sharing accuracy
0.95
1.05
Isolation Characteristics
Isolation (input to output)
3,000
Vrms
Isolation (output to baseplate)
500
Vrms
Isolation (input to baseplate)
1,500
Vrms
Input/output capacitance
50
75
pF
Environmental (MIL-STD-810)
Altitude - method 500.2
70,000
feet
Procedure II
Humidity - method 507.2
86 / 240
% / hours
Procedure 1, cycle 1
Acceleration - method 513.3
9
g's
Procedure 2
Vibration - method 514.3
20
g's
Procedure 1, category 6
Shock - method 516.3
40
g's
Procedure 1
Reliability (MIL-HDBK-217F)
25°C Ground Benign: G.B.
2,478,477
hours
50°C Naval Sheltered: N.S.
584,920
hours
65°C Airborne Inhabited Cargo: A.I.C.
483,303
hours
Thermal Characteristics
Efficiency
80-90
%
Baseplate to sink
0.07
°C/W
With thermal pads
Thermal shutdown
90
95
105
°C
Latching
Baseplate operating temperature
+85
°C
See product grade
Storage temperature
+100
°C
See product grade
Mechanical Specifications
Weight
6.0 (170)
ounces (grams)
Converter/Booster Specifications
(At TBP = 25°C, nominal line and 75% load, unless otherwise specified)
Features
Military DC-DC Converters 50 to 100W
(1) 10V, 12V, and 15V outputs, standard trim range ±10%. Consult factory for wider trim range.
(2) No over temperature or voltage protection in booster modules.
(3) Output voltages of 5V or less incorporate foldback current limiting; outputs of 10V and above provide
constant current limiting.
Inputs:
28Vdc per MIL-STD-704D/E
155Vdc per MIL-STD-1399A
270Vdc per MIL-STD-704D/E
Single output: 2 – 48Vdc
Up to 23W/in3
MIL-STD-810 environments
Up to 90% efficiency
Remote sense
Current limit
OVP and thermal shutdown
Power boosters for
higher power outputs
ZVS/ZCS power architecture
Low noise FM control
Size: 4.6" x 2.4" x 0.5"
(116,8 x 61,0 x 12,7mm)
}
MI-200 10/02
1 of 2


Similar Part No. - MI-26N-IY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-26N-IY ETC1-MI-26N-IY Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Powerbox
MI-26N-IY POWERBOX-MI-26N-IY Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MI-26N-IY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
Vicor Corporation
MI-J00 VICOR-MI-J00 Datasheet
86Kb / 2P
   Military DC-DC Converters 10 to 50W
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
   36-100W High Efficiency DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com