Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLT-4CB413G Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KLT-4CB413G
Description  C-band InGaAsP strained MQW FP LD TO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLT-4CB413G Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KLT-4CB413G Datasheet HTML 1Page - KODENSHI_AUK CORP. KLT-4CB413G Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-band InGaAsP strained MQW FP LD TO
Description
KLT-4CB413G is long wavelength Fabry-Perot AR LD source in TO-56 package with flat window cap.
KLT-4CB413G consists of an InGaAsP strained multi-quantum well(MQW) laser diode and an InGaAs
PIN-PD for output monitoring. It at C-band(1529~1559 nm) wavelength band and with data rate of 1.25Gbps.
It is suitable for fabricating pigtailed LD source, TOSA(transmitter optical sub assembly)
FEATURES
High performance strained MQW InGaAsP LD with BH(buried hetero-junction) structure
Hermetically sealed TO-56 package with flat window cap
High reliability and environmental endurance
Operating wavelength of C-band(1530~1560 nm)
Wide operating temperature range from 0℃ to 70℃
Data rates of 1.25Gbps
APPLICATIONS
SONET OC-1~ OC-48/SDH STM-1 ~ STM-16
155 Mbps, 622Mbps, and 1.25Gbps for WDM PON
Suitable for fabrication of coaxial LD module, TOSA
Absolute Maximum Ratings
Operating temperature
Storage temperature
Peak laser output power
Peak reverse laser voltage
Peak forward monitor PD current
Peak reverse monitor PD voltage
Optical and Electrical Characteristics (KLT-4CB413G, Top = 25 ℃ otherwise specified)
Operating temperature
Threshold current
CW, kink free
Operating current
CW, Po=3mW
Slope efficiency
CW, Po=3mW
Operating voltage
at rated Po=3mW
Center wavelength
at rated Po=3mW
RMS spectral width
at rated Po=3mW
20 to 80 %, Ib = Ith,Po=5mW
80 to 20 %, Ib = Ith,Po=5mW
Monitor PD current
Monitor PD dark current
Vrp = 10V
Monitor PD capacitance
Vrp = 10V, 1MHz
Specifications are subject to change without notice.
1/2
For more information on other parts available, please visit our website: www.kodenshi.co.kr
Rev. 001
KODENSHI KOREA Corp. 513-5 Eoyang-Dong, Iksan, 570-210, Korea
KLT-4CB413G
Test Conditions
Parameter
Symbol
Min
Max
unit
Top
0
70
Tstg
-20
85
Po
8
mW
Vrl
2
V
Ifp
2
mA
Vrp
20
V
Parameter
Symbol
Min
Typ
Max
Unit
Top
0
70
Ith
13
20
mA
Iop
28
32
η
0.19
0.21
Vop
1
λc
1550
1555
1560
nm
12
1.5
V
nm
Optical rise and fall time
∆λ
0.2
ns
tr
0.1
0.2
ns
tr
0.1
mA
at rated Po=3mW , Vrp = 1V
Id
0.1
uA
Im
0.1
0.11
Cm
10
20
pF


Similar Part No. - KLT-4CB413G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLT-131451S KODENSHI-KLT-131451S Datasheet
168Kb / 2P
   1310nm InGaAsP strained MQW for FP-LD 1.5mm ball lens TO CAN
KLT-131452 KODENSHI-KLT-131452 Datasheet
170Kb / 2P
   1310nm InGaAsP strained MQW for FP-LD 2mm ball lens TO CAN
KLT-155451 KODENSHI-KLT-155451 Datasheet
168Kb / 2P
   1550nm InGaAsP strained MQW for FP-LD 1.5mm ball lens TO CAN
KLT-155452 KODENSHI-KLT-155452 Datasheet
196Kb / 2P
   1550nm InGaAsP strained MQW for FP-LD 2mm ball lens TO CAN
KLT-155454 KODENSHI-KLT-155454 Datasheet
113Kb / 2P
   1550nm InGaAsP strained MQW FP-LD
More results

Similar Description - KLT-4CB413G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLT-155454 KODENSHI-KLT-155454 Datasheet
113Kb / 2P
   1550nm InGaAsP strained MQW FP-LD
KLT-255544 KODENSHI-KLT-255544 Datasheet
112Kb / 2P
   1550nm InGaAsP strained MQW DFB-LD
KLT-155451 KODENSHI-KLT-155451 Datasheet
168Kb / 2P
   1550nm InGaAsP strained MQW for FP-LD 1.5mm ball lens TO CAN
KLT231544 KODENSHI-KLT231544 Datasheet
116Kb / 2P
   1310nm InGaAsP strained MQW DFB-LD
KLT-131452 KODENSHI-KLT-131452 Datasheet
170Kb / 2P
   1310nm InGaAsP strained MQW for FP-LD 2mm ball lens TO CAN
KLT-131451S KODENSHI-KLT-131451S Datasheet
168Kb / 2P
   1310nm InGaAsP strained MQW for FP-LD 1.5mm ball lens TO CAN
KLT-155452 KODENSHI-KLT-155452 Datasheet
196Kb / 2P
   1550nm InGaAsP strained MQW for FP-LD 2mm ball lens TO CAN
KLT-231444 KODENSHI-KLT-231444 Datasheet
220Kb / 2P
   1310nm InGaAsP strained MQW 1.25Gbps DFB LD TO CAN
KLT-255444 KODENSHI-KLT-255444 Datasheet
232Kb / 2P
   1550nm InGaAsP strained MQW 1.25Gbps DFB LD TO CAN
KLT-249414 KODENSHI-KLT-249414 Datasheet
121Kb / 2P
   1490nm InGaAsP strained MQW DFB LD for 1.25G TO CAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com