Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMIP2-B28DL Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KMIP2-B28DL
Description  2 Mini CAN InGaAs PIN PD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KMIP2-B28DL Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KMIP2-B28DL Datasheet HTML 1Page - KODENSHI_AUK CORP. KMIP2-B28DL Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ø2 Mini CAN InGaAs PIN PD
Outline Drawing
Pin Configuration
1 : 1Pin
F : Cap with Flat Window
5: Ø50um
A:Cathod Common
2 : 2Pin
B : Cap with Ball lens
8: Ø75um
B:Anode Common
3 : 2Pin Isolated L : Longcap with Ball lens
25: ㅁ250um C:CASE GND
C : Ceramic Dome
D:CASE Anode
N: Normal
Available now
S : straight lead
C : center lead form
L : side lead form
2/2
For more information on other parts available, please visit our website: www.kodenshi.co.kr
Rev.002
KODENSHI KOREA Corp. 513-5 Eoyang-Dong, Iksan, 570-210, Korea
3 : Ø2.96
4 : Ø3.0
PIN PD
PKG
type
Active
Size
Pin Config.
2 : Ø2
KODENSHI
Mini CAN
InGaAs
Lead Form'g
Ordering information
KMIP
Pin type -
PKG Method
KMIP2-B28DL


Similar Part No. - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
   Long Cap 2 Mini CAN InGaAs PIN PD
More results

Similar Description - KMIP2-B28DL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KMIP2-L225DL KODENSHI-KMIP2-L225DL Datasheet
252Kb / 2P
   Long Cap 2 Mini CAN InGaAs PIN PD
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
   InGaAs PIN-PD
logo
Optoway Technology Inc
PD-1350 OPTOWAY-PD-1350 Datasheet
62Kb / 2P
   Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
logo
KODENSHI_AUK CORP.
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
logo
Optoway Technology Inc
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD-1190 OPTOWAY-PD-1190_09 Datasheet
117Kb / 3P
   InGaAs PIN PHOTODIODE 2 mm InGaAs PIN Photdiode with TO-5 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com