Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36256161A Datasheet(PDF) 7 Page - Vanguard International Semiconductor

Part # VG36256161A
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG36256161A Datasheet(HTML) 7 Page - Vanguard International Semiconductor

Back Button VG36256161A Datasheet HTML 3Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 4Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 5Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 6Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 7Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 8Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 9Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 10Page - Vanguard International Semiconductor VG36256161A Datasheet HTML 11Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Document : 1G5-0155
Rev.1
Page 7
VIS
VG36256401A
Preliminary
VG36256801A
VG36256161A
CMOS Synchronous Dynamic RAM
A.C Characteristics : (Ta = 0 to 70°C V DD = 3.3V 0.3V, VSS = 0V)
symbol
A.C. Parameter
-75
-8H
unit
note
Min.
Max.
Min.
Max.
tRC
Row cycle time
60
70
ns
tRCD
RAS to CAS delay
20
20
tRP
Precharge to refresh/row activate command
15
20
tRRD
Row activate to row activate delay
15
20
tRAS
Row activate to precharge time
37.5
100,000
50
100,000
tCK2
Clock cycle time
CL2
7.5
10
ns
tCK3
CL3
7.5
10
tCH
Clock high time
2.25
3
tCL
Clock low time
2.25
3
tAC2
Access time from CLK
(positive edge)
CL2
4
6
tAC3
CL3
4
6
tT
Transition time of CLK (Rise and Fall)
1
10
1
10
tCCD
CAS to CAS Delay time
1
1
CLK
tOH
Data output hold time
2
3
ns
tLZ
Data output low impedance
0
0
tHZ2
Data output high impedance
CL2
4
6
9
tHZ3
CL3
4
6
tIS
Data/Address/Control Input setup time
1
2
tIH
Data/Address/Control Input hold time
0.5
1
tSRX
Minimum CKE ”High”for Self-Refresh exit
1
1
CLK
tPDE
Power Down Exit set-up time
2
2
ns
tRSC
Mode Register Set Cycle
2
2
CLK
tDPL
Data-in to precharge
2
1
CLK
tDAL2
Data-in to ACT (REF) Command
CL2
2clk+tRP
1clk+tRP
ns
tDAL3
CL3
2clk+tRP
1clk+tRP
tBDL
Last data in to burst stop
1
1
CLK
tREF
Refresh time (
8,192 refresh cycles)
64
64
ms
±


Similar Part No. - VG36256161A

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128161A VML-VG36128161A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128161BT VML-VG36128161BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36128801A VML-VG36128801A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36256161A

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com