Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KOI-6002ASH Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KOI-6002ASH
Description  IR Transceiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KOI-6002ASH Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KOI-6002ASH Datasheet HTML 1Page - KODENSHI_AUK CORP. KOI-6002ASH Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IR Transceiver Module
Absolute Maximum Ratings
[Ta = 25
]
Electro-Optical Characteristics
[Ta=25
, VCC=3.3V]
Supply Voltage
Vcc
Parameter
Symbol
Operating Temperature
Topr.
LED Supply Voltage
VLED
DC LED Transmit Current
ILED (DC)
Storage Temperature
Tstg.
Peak LED Transmit Current
ILED (PK)
Peak LED Transmit Current
ILED (PK)
-
-
tr
Receiver Data Output Voltage
VRXD
Transmitter Data Input Voltage
VTXD
p
tf
Communication Distance
-
30
-
1
-
880
-
VCC-0.2
2.2
-
-40
-
100
-
0.6
-
-
-
150
-0.5
-0.5
Typ.
-
-
200
60
1.7
Min.
0
0
-20
VCC+0.5
-
-
Min.
-
-
-
-
30
1.6
-
Max.
6.5
6.0
85
100
50
200
30
450
20
20
875
45
80
40
1.0
150
Unit
V
V
mA
mA
mA
V
-
V
Max.
1
VCC+0.5
200
15
1.5
4
600
600
-
60.0
-
-
200
Parameter
Supply Current
Transmitter Wakeup Time
Viewing Angle
Data Output Pulse Width
Rise Time
Fall Time
Peak Emission Wavelength
0.4
Spectral Bandwidth
Viewing Angle
Peak Sensitivity Wavelength
High Level Output Voltage
Low Level Ouput Voltage
Rx SIR Pulse Width
Rise Time
Fall Time
Receiver Latency Time
Receiver Wakeup Time
Symbol
Conditions
-
-
-
-
-
<90
pulse width,
<20% duty cycle
Refer to Fig 1
-
-
Icc1
tr
tf
2 1/2
p
VOH
D
TL
Trw
Conditions
Shutdown
-
tpw(RxD)=1.63
at 115.2kbit/s
VOL
Tsrpw
BR=115.2kbit/s
-
-
-
IOH=-20
Unit
deg.
ns
IOL=1mA
tpw(TxD)=1.63
at
115.2kbit/s
V
ns
nm
nm
deg.
KOI-6002ASH
ns
ns
m
nm
V
Icc2
Active Transmitter
Idle
Vcc=3.3V
-
-
100
13.5
-1
Active Receiver
Vcc=3.3V, TXD=GND
tpw(TxD)=1.63㎲ at 115.2kbit/s
Ttw
2 1/2
Tstpw
1.9
600
600
2/2


Similar Part No. - KOI-6002ASH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6002AS KODENSHI-KOI-6002AS Datasheet
103Kb / 2P
   IR Transceiver Module
KOI-6002ASC KODENSHI-KOI-6002ASC Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6002ASD KODENSHI-KOI-6002ASD Datasheet
106Kb / 2P
   IR Transceiver Module
More results

Similar Description - KOI-6002ASH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
   IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
   IR Transceiver Module
KOI-6002AL KODENSHI-KOI-6002AL Datasheet
157Kb / 3P
   IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
   IR Transceiver Module
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
   IR Transceiver Module
KOI-6004A KODENSHI-KOI-6004A Datasheet
79Kb / 2P
   IR Transceiver Module
KOI-6002AS KODENSHI-KOI-6002AS Datasheet
103Kb / 2P
   IR Transceiver Module
KOI-6002A KODENSHI-KOI-6002A Datasheet
862Kb / 2P
   IR Transceiver Module
KOI-6713BS KODENSHI-KOI-6713BS Datasheet
109Kb / 2P
   IR Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com