Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KOI-6713BS Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KOI-6713BS
Description  IR Transceiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KOI-6713BS Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KOI-6713BS Datasheet HTML 1Page - KODENSHI_AUK CORP. KOI-6713BS Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IR Transceiver Module
Absolute Maximum Ratings
[Ta = 25
]
4. Electro-Optical Characteristics
[Ta=25
, VCC=3.3V]
20
-
-
-
-
15
25
25
25
25
-
-
-
-
TXD Hold Time
TXD Setup Time
TXD Pulse Width
TXD Wakeup Time
Shutdown Pulse Width
400
mA
Peak LED Transmit Current
ILED (PK)
Remote control Mode
-
KOI-6713BS
ns
ns
cm
nm
V
V
ns
nm
nm
deg.
Unit
deg.
ns
IOL=1mA
tpw(RxD)=1.63
at
115 2kbit/s
BR=115.2kbit/s
-
-
-
IOH=-20
D
TL
Trw
Conditions
Shutdown
Idle
-
tpw(RxD)=1.63
at 115.2kbit/s
BR=115.2kbit/s
VOL
Tsrpw
tr
tf
2
1/2
p
VOH
Icc2
2
1/2
Tstpw
Ttw
-
-
Icc1
Receiver Latency Time
Rx SIR Pulse Width
Rise Time
Fall Time
Spectral Bandwidth
Viewing Angle
Peak Sensitivity Wavelength
Receiver Wakeup Time
Symbol
Conditions
-
-
-
-
-
<90
pulse width,
<20% duty cycle
Low Level Ouput Voltage
High Level Output Voltage
100
Parameter
Supply Current
Viewing Angle
Data Output Pulse Width
Rise Time
Fall Time
Peak Emission Wavelength
1/3 Vcc
4
600
600
-
60.0
-
-
2.0
600
600
-
Max.
0.5
200
50
60
-
200
Typ.
-
-
Unit
V
V
mA
mA
V
V
2.2
50
50
50
100
875
45
VCC+0.5
-0.5
-
Max.
7.0
7.0
85
100
50
200
140
VCC+0.5
-
-
2/3 Vcc
30
Min.
-
-
-
-
Min.
0
0
-25
60
1.9
-40
-
60
-
-0.5
30
-
Communication Distance
-
30
-
1.4
-
880
-
-
-
1.5
p
-
-
-
tr
tf
Transmitter Data Input Voltage
VTXD
Receiver Data Output Voltage
VRXD
Peak LED Transmit Current
ILED (PK)
DC LED Transmit Current
ILED (DC)
Storage Temperature
Tstg.
Operating Temperature
Topr.
LED Supply Voltage
VLED
Supply Voltage
Vcc
Parameter
Symbol
2/2


Similar Part No. - KOI-6713BS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6713B KODENSHI-KOI-6713B Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6713BT KODENSHI-KOI-6713BT Datasheet
168Kb / 3P
   small form package Infrared transceiver module manufactured by AUK CORP
More results

Similar Description - KOI-6713BS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
   IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
   IR Transceiver Module
KOI-6002AL KODENSHI-KOI-6002AL Datasheet
157Kb / 3P
   IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
   IR Transceiver Module
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
   IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
   IR Transceiver Module
KOI-6004A KODENSHI-KOI-6004A Datasheet
79Kb / 2P
   IR Transceiver Module
KOI-6002AS KODENSHI-KOI-6002AS Datasheet
103Kb / 2P
   IR Transceiver Module
KOI-6002ASH KODENSHI-KOI-6002ASH Datasheet
106Kb / 2P
   IR Transceiver Module
KOI-6002A KODENSHI-KOI-6002A Datasheet
862Kb / 2P
   IR Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com