Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PD-567 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PD-567
Description  4 WAY REACTIVE POWER DIVIDER/COMBINER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PD-567 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PD-567 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 WAY REACTIVE POWER DIVIDER/COMBINER
SPECIFICATION SHEET
JFW MODEL 50PD-567
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-3000 MHz
Impedance
50 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
(above 6 dB split)
1.0 dB maximum
Amplitude Tracking
± 0.4 dB
Phase Tracking
± 5º
Isolation
20 dB minimum
Matched Input Power
5 Watts average @ 25ºC
100 Watts peak (1 microsecond)
Operating Temperature Range
-40ºC to +85ºC
RF Connector
N, SMA, BNC or TNC female
Physical Size
See outline drawing 092-3869 (N)
12/15/2005
BAC 12/15/2005
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50PD-567

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-560 JFW-50PD-560 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-560 JFW-50PD-560 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-560 JFW-50PD-560_10 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
More results

Similar Description - 50PD-567

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-589 JFW-50PD-589 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-660 JFW-50PD-660 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-765 JFW-50PD-765 Datasheet
27Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-454 JFW-50PD-454 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-759 JFW-50PD-759 Datasheet
69Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-560 JFW-50PD-560_10 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-591SMA JFW-50PD-591SMA Datasheet
27Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-650 JFW-50PD-650 Datasheet
27Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-682 JFW-50PD-682_16 Datasheet
27Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
75PD-072 JFW-75PD-072_11 Datasheet
68Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
50PD-233 JFW-50PD-233 Datasheet
26Kb / 1P
   4 WAY REACTIVE POWER DIVIDER/COMBINER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com