Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URAM3HS2 Datasheet(PDF) 2 Page - Vicor Corporation

Part # URAM3HS2
Description  Output Ripple Attenuation Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM3HS2 Datasheet(HTML) 2 Page - Vicor Corporation

  URAM3HS2 Datasheet HTML 1Page - Vicor Corporation URAM3HS2 Datasheet HTML 2Page - Vicor Corporation URAM3HS2 Datasheet HTML 3Page - Vicor Corporation URAM3HS2 Datasheet HTML 4Page - Vicor Corporation URAM3HS2 Datasheet HTML 5Page - Vicor Corporation URAM3HS2 Datasheet HTML 6Page - Vicor Corporation URAM3HS2 Datasheet HTML 7Page - Vicor Corporation URAM3HS2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM Data Sheet
Rev. 1.1
Page 2 of 8
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Parameter
Min
Typ
Max
Unit
Notes
Operating current range
No internal current limiting. Converter input must be
µRAM2xxx
0.02
20
A
properly fused such that the µRAM output current
µRAM3xxx
0.02
30
A
does not exceed the maximum operating current
rating by more than 30% under a steady state condition.
Operating input voltage
3.0
30
Vdc
Continuous
Transient output response
50
mVp-p
Step load change;
Load current step <1A/µsec
see Figures 9, 12, & 15, pp. 6-7
Transient output response
Optional capacitance CTRAN can be used
Load current step <1A/µsec
50
mVp-p
to increase transient current capability; See Figures
(CTRAN = 820µF)
1 & 2 on p. 3 and Figures 10, 13, & 16 on pp. 6-7
VHR headroom voltage range(1)
See Figures 5, 6 & 7
@ 1A load
325
425
mV
See Table 1 for headroom setting resistor values
Output ripple
10
mVp-p
Ripple frequency 60Hz to 100kHz; optional capacitor
Input Vp-p = 100mV
5
mVrms
CHR = 100µF required to increase low frequency
attenuation as shown in Figures 3a and 3b
see Figures 8, 11, & 14, pp. 6-7
Output ripple
10
mVp-p
Ripple frequency 100kHz to 2MHz;
Input Vp-p = 500mV
5
mVrms
see Figures 8, 11, & 14, pp. 6-7
SC output voltage(2)
1.23
Vdc
See Table 1 RSC value
OR’ing threshold
10
mV
Vin – Vout
µRAM bias current
60
mA
Power Dissipation
µRAM2xxx VHR = 380mV@1A
7.5
W
Vin = 28V; Iout = 20A
µRAM3xxx VHR = 380mV@1A
11.5
W
Vin = 28V; Iout = 30A
µRAM MODULE SPECIFICATIONS (-20°C to +100°C baseplate temperature)
Electrical Characteristics
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless
otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
(1) Headroom is the voltage difference between the +Input and +Output pins.
RHR = (µRAM +Out/VHR) x 2.3k (see Table 1 for example values)
(2) SC resistor is required to trim the converter output up to accommodate the headroom of the µRAM module when remote sense
is not used. This feature can only be used when the trim reference of the converter is in the 1.21 to 1.25 Volt range.
(see Table 1 with calculated RSC resistor values)
RSC = ((µRAM +Out)/1.23V x 1k) – 2k
µRAM Out
3.0V
5.0V
12.0V
15.0V
24.0V
28.0V
VHR @ 1A
375mV
375mV
375mV
375mV
375mV
375mV
RHR Value (ohms)
18.4k
30.6k
73.6k
92.0k
147.2k
171.7k
RSC Value (ohms)
0.439k
2.07k
7.76k
10.20k
17.50k
20.76k
Table 1—RHR and RSC are computed values for a 375mV case. To compute different headroom voltages, or for standard resistor
values and tolerances, use Notes 1 and 2.


Similar Part No. - URAM3HS2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA1D05YMD-6WR3 MORNSUN-URA1D05YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA1D12YMD-6WR3 MORNSUN-URA1D12YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA1D15YMD-6WR3 MORNSUN-URA1D15YMD-6WR3 Datasheet
2Mb / 8P
   6W, ultra wide input isolated & regulated dual / single output DC-DC converter
URA2405(X)D-10WR2 MORNSUN-URA2405(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405(X)D-10WR2 MORNSUN-URA2405(X)D-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUTDIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URAM3HS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QUIETPOWER VICOR-QUIETPOWER Datasheet
144Kb / 8P
   Output Ripple Attenuation SiP
QPO-1 VICOR-QPO-1 Datasheet
1Mb / 17P
   QPO-1 Output Ripple Attenuation SIP
logo
IXYS Corporation
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101AT WALSIN-BF1511B394101AT Datasheet
329Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
BF1511B394101BT WALSIN-BF1511B394101BT Datasheet
328Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
logo
Powerbox
QPO-1L POWERBOX-QPO-1L Datasheet
799Kb / 1P
   OUTPUT RIPPLE ATTENUATOR
logo
Wall Industries,Inc.
FB48S5-300 WALL-FB48S5-300 Datasheet
207Kb / 4P
   Very Low Output Ripple
logo
Vicor Corporation
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
   High-Boost Harmonic Attenuation Module
VI-HAM VICOR-VI-HAM Datasheet
661Kb / 10P
   High-Boost Harmonic Attenuation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com