Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HKP3040CT Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HKP3040CT
Description  30A SCHOTTKY BARREIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HKP3040CT Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HKP3040CT Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP3040CT Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
30A SCHOTTKY BARREIER RECTIFIER
█ Features
█ Package
n
30 Amps Total (15 Amps Per Diode Leg)
n
Guard Ring Die Construction for Transient Protection
n
Low Power Loss,High Efficiency
n
High Surge Capability
n
High Current Capability and Low Forward Voltage Drop
n
For Use in Low Voltage,High Frequency Inverters,Free Wheelings
,and Polarity Protection Applications
█ Maximum Ratings
 
 
 
 
 
 
 
█ Electrical Chatacteristics @T
a=25℃  unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
Characteristic
Symbol
Min
Max
Unit
Condition
Forward Voltage Drop (Note 1)
VFM
0.7
0.84
0.72
V
IF=15A,TC=25℃
IF=30A,TC=25℃
IF=30A,TC=125℃
Peak Reverse Current
at Rated DC Blocking Voltage
IRM
0.2
60
mA
VR = VRRM
TC=25℃
TC=125℃
Typical Junction Capacitance(Note 2)
Cj
1000
pF
Typical Thermal Resistance Junction to Case(Note 3)
Rth-j
2.0
℃/W
Notes: 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC
.
3. Thermal resistance junction to case mounted on heatsink.
.
HKP3040CT
1―Pin A1
2―Pin K
3―Pin A2
TO-220
n
Tstg——Storage Temperature…………………………………… -55~150℃
n
Tj——Operating Temperature………………………………… -55~150℃
n
VRRM——Peak Repetitive Reverse Voltage……………………………40V
n
VRWM ——Working Peak Reverse Voltage……………………………40V
n
VR——DC Blocking Voltage……………………………………………40V
n
VR(RMS) ——RMS Reverse Voltage……………………………………28V
n
IFAV——Average Recified Output Current@Tc=95℃………………………Double Dies 30A
(Note 1)
………………………Single Die 15A
n
IFSM——Non-Repetitive Peak Forward Surge Current
(60HZ)……………………………200A


Similar Part No. - HKP3040CT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HKP COOPER-HKP Datasheet
158Kb / 2P
   1??" x 1 1??" Fuse Holders
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
   Panel-mount fuse holders
logo
Cooper Bussmann, Inc.
HKP-BBHH COOPER-HKP-BBHH Datasheet
158Kb / 2P
   1??" x 1 1??" Fuse Holders
logo
Eaton All Rights Reserv...
HKP-BBHH EATON-HKP-BBHH Datasheet
184Kb / 2P
   Panel-mount fuse holders
logo
Cooper Bussmann, Inc.
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
   HKP Panel-Mount Series
More results

Similar Description - HKP3040CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HJP3040CT HUASHAN-HJP3040CT Datasheet
214Kb / 2P
   30A SCHOTTKY BARREIER RECTIFIER
HJP3060CT HUASHAN-HJP3060CT Datasheet
229Kb / 2P
   30A SCHOTTKY BARREIER RECTIFIER
HKH30200PT HUASHAN-HKH30200PT Datasheet
155Kb / 2P
   30A SCHOTTKY BARREIER RECTIFIER
HJP2040CT HUASHAN-HJP2040CT Datasheet
224Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
HKP2060CT HUASHAN-HKP2060CT Datasheet
523Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
HJP2060CT HUASHAN-HJP2060CT Datasheet
223Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
HJP1060CT HUASHAN-HJP1060CT Datasheet
618Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
HJP2045CT HUASHAN-HJP2045CT Datasheet
222Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
HJP1040CT HUASHAN-HJP1040CT Datasheet
220Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
HKP1040CT HUASHAN-HKP1040CT Datasheet
529Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com