Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50P-591 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50P-591
Description  RELAY PROGRAMMABLE ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50P-591 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50P-591 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RELAY PROGRAMMABLE ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 50P-591
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-3000 MHz
Impedance
50 Ohms nominal
Attenuation Range
0-85 dB in 1 dB steps
Attenuation Steps
1, 2, 4, 8, 10, 20, and 40 dB
VSWR
1.5:1 maximum
1.4:1 typical
Attenuation Accuracy
± .3 dB or 0.5%
DC-500 MHz
± .4 dB or 1.0%
500-1000 MHz
± .5 dB or 1.0%
1000-2000 MHz
± .6 dB or 1.5%
2000-3000 MHz
(whichever is greater)
Insertion Loss
2.5 dB maximum
DC-1000 MHz
3.5 dB maximum
1000-2000 MHz
4.5 dB maximum
2000-3000 MHz
RF Input Power
1 Watt average
Switching Speed
6 milliseconds
Control
+12 Vdc @ 30 mA per relay
Lifetime (typical)
10 million cycles per relay
DC Connector
Solder terminals
RF Connector
N or SMA female
Operating Temperature Range
-40ºC to +95ºC
Physical Size
See outline drawing 092-1285
02/27/1989
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
9999
10/05/2002
A
TRS 10/24/2002
11007
04/13/2005
B
CLK 04/13/2005
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50P-591

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-591 JFW-50P-591 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-591 JFW-50P-591_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results

Similar Description - 50P-591

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1978 JFW-50P-1978 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1208 JFW-50P-1208_18 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-077 JFW-50P-077 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com