Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-LUN-IY Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-LUN-IY
Description  50 to 600W Autoranging AC-DC Switchers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-LUN-IY Datasheet(HTML) 1 Page - Vicor Corporation

  VI-LUN-IY Datasheet HTML 1Page - Vicor Corporation VI-LUN-IY Datasheet HTML 2Page - Vicor Corporation VI-LUN-IY Datasheet HTML 3Page - Vicor Corporation VI-LUN-IY Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input Characteristics
90-132/180-264Vac
U = Autoranging
Output Power/Current
Vout ≥ 5V
Vout < 5V
S = 300W
S = 60A
P = 450W
P = 90A
M = 600W
M = 120A
Product Grade
E = 0°C to +85°C Case
C = 0°C to +85°C Case
I = -30°C to +85°C Case
Output Power/Current
Vout ≥ 5V
Vout < 5V
Y = 50W
Y = 10A
X = 75W
X = 15A
W = 100W
W = 20A
V = 150W
V = 30A
U = 200W
U = 40A
Product Highlights
If you’re looking for the convenience
of a complete, low profile, agency-
approved switching power supply,
look no further. The FlatPAC combines
Vicor’s workhorse VI-200 family of
DC-DC converters with a modular
package and front end subassembly to
provide from 50 to 600W of output
power from one to three outputs.
A flat plate heatsink for use in
conduction cooled applications may be
specified as an alternate to the standard
finned version by adding “CC” to the
end of the model number.
Vicor’s FlatPAC is also available with
a current controlled output using
BatMod converter modules of 12, 24,
or 48Vdc outputs. This option is
specified by appending “BM” or “BC”
(for conduction cooled versions) to the
end of the FlatPAC model number.
The FlatPAC’s contemporary design
allows us to configure your order
quickly and provide rapid turnaround
on standard models. It is truly a
complete power solution, enabling
you to spend more time designing your
system and less time worrying about
how to power it.
Features
Microcontroller architecture
Inputs: 115/230Vac autoranging
Meets FCC Part 15, EN55022, Class B
conducted emissions
80-90% efficiency
Any output: 1 to 95Vdc
Module enable/disable (except LU series)
UL, CSA, TÜV, VDE, BABT, CE marked
Remote sense and current limit
BUS OK and AC OK (except LU series)
40mS ride-through time
OVP and thermal shutdown
1 output; up to 200W
1 or 2 outputs; up to 400W
1, 2, or 3 outputs; up to 600W
FlatPAC
50 to 600W
Autoranging
AC-DC Switchers
FlatPAC Configuration Chart
Typical Model: V I - R U
Input: 115/230Vac; Output 1: 5Vdc at 200W
Output 2: 12Vdc at 200W
Output 3: 12Vdc at 200W
# of
Total Power
Part No.
Converters
Dimensions
50-200W
VI-LU
1
9.25" x 2.5" x 1.37"
(234,8 x 63,5 x 34,8mm)
200-400W
VI-MU
2
9.25" x 4.9" x 1.37"
(234,8 x 124,5 x 34,8mm)
300-600W
VI-NU
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8mm)
100-400W
VI-PU
2
9.25" x 4.9" x 1.37"
(234,8 x 124,5 x 34,8mm)
150-600W
VI-QU
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8mm)
150-600W
VI-RU
3
9.25" x 7.3" x 1.37"
(234,8 x 185,4 x 34,8mm)
U
U
U
E
1
1
0
Single
Outputs:
Dual
Outputs:
Triple
Outputs:
Options
BC = BatMod/Conduction
Cooled
BM= BatMod
CC = Conduction Cooled
Output Voltage
Z 2V
M 10V
K 40V
Y 3.3V
1 12V
4 48V
0 5V
P 13.8V H 52V
X 5.2V
2 15V
F 72V
W 5.5V
N 18.5V D 85V
V 5.8V
3 24V
B 95V
T 6.5V
L 28V
R 7.5V
J 36V
Output Power
Vout ≥ 5V
Vout < 5V
W = 100W
W = 20A
V = 150W
V = 30A
U = 200W
U = 40A
S = 300W
S = 60A
Q = 400W
Q = 80A
FlatPAC 10/02
1 of 4


Similar Part No. - VI-LUN-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-LUZ-EY VICOR-VI-LUZ-EY Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
More results

Similar Description - VI-LUN-IY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-LU1-23 VICOR-VI-LU1-23 Datasheet
304Kb / 4P
   50 to 600 W Autoranging AC-DC Switchers
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
   50 to 600 Watt Autoranging AC-DC Switchers
REV.3
COMPAC VICOR-COMPAC Datasheet
204Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
VI-LC1Z-EV VICOR-VI-LC1Z-EV Datasheet
205Kb / 4P
   DC-DC Switchers 50 to 600W 1-3 Outputs
logo
TDK Electronics
PH150S4828 TDK-PH150S4828 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
PH150S48-24 TDK-PH150S48-24 Datasheet
404Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
List of Unclassifed Man...
PH300S48 ETC1-PH300S48 Datasheet
135Kb / 2P
   Simple function, 50 to 600W DC-DC converters
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
logo
SL Power Electronics
GEM600 SLPOWER-GEM600 Datasheet
315Kb / 4P
   600W Single Output Economy/Technology Switchers
logo
Applied Motion Products...
PS600A48 AMP-PS600A48 Datasheet
595Kb / 2P
   AC/DC Power Supply ??PFC ??600W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com