Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50P-1226 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50P-1226
Description  SOLID STATE PROGRAMMABLE ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50P-1226 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50P-1226 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOLID STATE PROGRAMMABLE ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 50P-1226
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
400-2200 MHz
Impedance
50 Ohms nominal
Attenuation Range
0-127 dB in 1 dB steps
Attenuation Steps
1, 2, 4, 8, 16, 32 and 64 dB
VSWR
1.5:1 maximum
Attenuation Accuracy
± 0.5 dB or 2% of programmed
(whichever is greater)
Insertion Loss
4.5 dB maximum
RF Input Power
+20 dBm operating
+30 dBm no damage
Switching Speed
2 microseconds maximum
DC Supply
+5 Vdc @ 300 mA nominal
Control Logic (7 Lines)
TTL Low for Thru Path
TTL High for Attenuation
DC Connector
3M #3793-5303
RF Connector
SMA, TNC or N female
Operating Temperature Range
0ºC to +70ºC
Physical Size
See outline drawing 092-5702-01
824
09/03/1997
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
2317
03/01/2000
B
2485
09/29/2000
C
14234
06/05/2007
E
TRS 06/06/2007
9999
09/26/2002
D
TRS 10/01/2002
15300
02/01/2008
F
CLK 02/01/2008
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50P-1226

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1224 JFW-50P-1224 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1225 JFW-50P-1225 Datasheet
26Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
More results

Similar Description - 50P-1226

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50P-1779 JFW-50P-1779 Datasheet
26Kb / 1P
   SOLID-STATE PROGRAMMABLE ATTENUATOR
50P-1761 JFW-50P-1761 Datasheet
26Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
75P-141 JFW-75P-141 Datasheet
26Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
75P-168 JFW-75P-168 Datasheet
32Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
75P-120 JFW-75P-120 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
50P-1080 JFW-50P-1080_18 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
75P-141 JFW-75P-141_11 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
50P-1853 JFW-50P-1853_18 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
50P-1857 JFW-50P-1857_18 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
50P-2072 JFW-50P-2072 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
50P-1571 JFW-50P-1571_18 Datasheet
27Kb / 1P
   SOLID STATE PROGRAMMABLE ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com