Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50R-234 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50R-234
Description  ROTARY ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50R-234 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50R-234 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROTARY ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 50R-234
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-2550 MHz
Impedance
50 Ohms nominal
Attenuation Range
0-100 dB in 10 dB steps
VSWR
1.3:1 maximum
DC-1000 MHz
1.5:1 maximum
1000-1500 MHz
1.7:1 maximum
1500-2550 MHz
Insertion Loss
1 dB maximum
Attenuation Accuracy
± 0.3 dB or 1%
DC-500 MHz
± 0.5 dB or 2%
500-1000 MHz
± 0.5 dB or 3%
1000-1500 MHz
± 0.5 dB or 4%
1500-2550 MHz
(whichever is greater)
RF Input Power
2 Watts average
1000 Watts peak
Direction of Rotation
Attenuation increases in a Clockwise
direction
Indexing
30 degrees
RF Connector
N or SMA female
Physical Size
See outline drawings
092-2275 (SMA)
092-6200-03 (N)
092-6200-04 (N/SMA)
01/13/1995
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
389
02/13/1995
A
855
10/09/1997
B
17378
07/02/2009
D
TRS 07/02/2009
9999
05/01/2003
C
TRS 05/16/2007
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50R-234

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50R-234 JFW-50R-234 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-234 JFW-50R-234_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
More results

Similar Description - 50R-234

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75R-050 JFW-75R-050 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-246 JFW-50R-246 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-310 JFW-50R-310 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-137 JFW-50R-137_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-310 JFW-50R-310_17 Datasheet
27Kb / 1P
   ROTARY ATTENUATOR
50R-401 JFW-50R-401_17 Datasheet
32Kb / 1P
   ROTARY ATTENUATOR
50R-083 JFW-50R-083 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
75R-055 JFW-75R-055 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-028 JFW-50R-028 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
50R-084 JFW-50R-084 Datasheet
26Kb / 1P
   ROTARY ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com