Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP20A60 Datasheet(PDF) 3 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTP20A60
Description  NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTP20A60 Datasheet(HTML) 3 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTP20A60 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP20A60 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTP20A60 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
HTP20A60
Fig 7. Gate Trigger Current vs.
Fig 8. Transient Thermal Impedance
Junction Temperature
Junction Temperature [℃]
Time(sec)
Fig 9. Gate Trigger Characteristics Test Circuit
10Ω
10Ω
10Ω
Test Procedure
Test Procedure
Test Procedure


Similar Part No. - HTP20A60

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTP20-600 SEMIHOW-HTP20-600 Datasheet
312Kb / 5P
   600V 20A TRIACThe
logo
E+E Elektronik Ges.m.b....
HTP201 EPLUSE-HTP201 Datasheet
1Mb / 9P
   Humidity and Temperature Probe with Analogue Outputs
10-2022
More results

Similar Description - HTP20A60

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTP8A60 HUASHAN-HTP8A60 Datasheet
214Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP6A60 HUASHAN-HTP6A60 Datasheet
176Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP4A60 HUASHAN-HTP4A60 Datasheet
176Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
HTP4A60S HUASHAN-HTP4A60S Datasheet
167Kb / 4P
   NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-220 PACKAGE)
HTM2A60 HUASHAN-HTM2A60 Datasheet
740Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126ML PACKAGE)
HTN2A60 HUASHAN-HTN2A60 Datasheet
180Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTN4A60 HUASHAN-HTN4A60 Datasheet
175Kb / 3P
   NON INSULATED TYPE TRIAC (TO-126 PACKAGE)
HTF8A80 HUASHAN-HTF8A80 Datasheet
162Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220F PACKAGE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com