Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTR1A80 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTR1A80
Description  BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTR1A80 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTR1A80 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTR1A80 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTR1A80 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTR1A80 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
 
█ Features
* Repetitive Peak Off-State Voltage: 800V
* R.M.S On-state Current(IT(RMS)=1A)
* High Commutation dv/dt  
 
█ General Description
The Triac HTR1A80 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
 
█ Absolute Maximum Ratings(T
a=25℃) 
 
                   
 
 
 
 
 
 
 
 
 
 
 
Tstg ——Storage Temperature …………………………………………………………… -40~125℃ 
TJ ——Operating Junction Temperature ………………………………………………… -40~125℃ 
PGM ——Peak Gate Power Dissipation ………………………………………………………… 1W
PGAV——Average Gate Power Dissipation ………………………………………………… 0.1W
VDRM ——Repetitive Peak Off-State Voltage ………………………………………………… 800V
IT RMS)——R.M.S On-State Current(Ta=58℃)…………………………………………… 1A
VGM ——Peak Gate Voltage ……………………………………………………………………… 6V
IGM ——Peak Gate Current ……………………………………………………………………… 0.5A
ITSM ——Surge On-State Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) ……………… 9.1/10A
HTR1A80


Similar Part No. - HTR1A80

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
More results

Similar Description - HTR1A80

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
   BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
KEC(Korea Electronics)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
   Bi-Directional Triode Thyristor 6A Mold TRIAC
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com