Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX789A Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HX789A
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HX789A Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HX789A Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HX789A Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
Motor drivers.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
-25 
 
 
V 
=-100μA,I=0 
BVCEO
Collector-Emitter Breakdown Voltage
-25 
 
 
V 
=-10mA,I=0 
BVEBO
Emitter- Base Breakdown Voltage
-5 
 
 
V 
=-100μA,I=0 
ICBO
Collector Cut-off Current
 
 
-0.1 
μA  VCB=-15V, I=0 
IEBO
Emitter Cut-off Current
 
 
-0.1 
μA  VEB=-4V, I=0 
HFE 
DC Current Gain 
250 
 
490 
 
CE=-2V, I=-1A 
VCE(sat1)  Collector- Emitter Saturation Voltage 
 
 
-0.25 
V 
=-1A, I=-10mA 
VCE(sat2)   
 
 
-0.45 
V 
=-2A, I=-20mA 
VCE(sat3)
 
 
-0.5 
V 
=-3A, I=-100mA 
VBE(sat)  Base-Emitter Saturation Voltage 
 
 
-1.0 
V 
=-1A, I=-10mA 
VBE(on)
Base-Emitter On Voltage
 
-0.8   
V 
CE=-2V, I=-1A 
fT
Current Gain-Bandwidth Product
100 
 
 
MHz  VCE=-5V,I=-50mA,f=50MHz 
Cob
Output Capacitance
 
25 
 
pF 
CB=-10V,I=0,f=1MHz 
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation …………………………………1.5W
VCBO——Collector-Base Voltage………………………………-25V
VCEO——Collector-Emitter Voltage……………………………-25V
VEBO ——Emitter-Base Voltage………………………………-5V
I C——Collector Current………………………………………-3A
1―Emitter,E
2―Base,B
3―Collector,C
TO-92
HX789A
PNP S I L I C O N T R A N S I S T O R


Similar Part No. - HX789A

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX7001 HBH-HX7001 Datasheet
20Kb / 1P
   21-30 GHz Active Harmonic Mixer
logo
SiPower Inc.
HX70N06-TA3-T SIPOWER-HX70N06-TA3-T Datasheet
915Kb / 4P
   N-Channel MOSFET
HX70N06L-TA3-T SIPOWER-HX70N06L-TA3-T Datasheet
915Kb / 4P
   N-Channel MOSFET
HX70N6 SIPOWER-HX70N6 Datasheet
915Kb / 4P
   N-Channel MOSFET
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
More results

Similar Description - HX789A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com