Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT15D60K Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT15D60K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15D60K Datasheet(HTML) 4 Page - Microsemi Corporation

  APT15D60K Datasheet HTML 1Page - Microsemi Corporation APT15D60K Datasheet HTML 2Page - Microsemi Corporation APT15D60K Datasheet HTML 3Page - Microsemi Corporation APT15D60K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APT15D60K(G)_SA(G)
APT5018BLL
4
3
1
2
5
5
Zero
1
2
3
4
di
F/dt - Rate of Diode Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
Figure 9. Diode Test Circuit
Figure 10, Diode Reverse Recovery Waveform and Definitions
0.25 IRRM
PEARSON 2878
CURRENT
TRANSFORMER
di
F/dt Adjust
30
μH
D.U.T.
+18V
0V
Vr
trr/Qrr
Waveform
TO-220 (K) Package Outline
TO-263 D2 (SA) Package Outline
10.06 (.396)
10.31(.406)
1.22 (.048)
1.32 (.052)
{3 Plcs.}
2.54 (.100) BSC
{2 Plcs.}
4.45 (.175)
4.57 (.180)
1.27 (.050)
1.32 (.052)
0.330 (.013)
0.432 (.017)
Heat Sink (Cathode)
and Leads are Plated
Cathode
Anode
0.000 (.000)
0.254 (.010)
6.02 (.237)
6.17 (.243)
1.40 (.055)
1.65 (.065)
7.54 (.297)
7.68 (.303)
8.51 (.335)
8.76(.345)
0.762 (.030)
0.864 (.034)
{2 Plcs.}
0.050 (.002)
2.62 (.103)
2.72 (.107)
3.68 (.145)
6.27 (.247)
(Base of Lead)
e3 100% Sn
e3 100% Sn
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Dimensions in Millimeters and (Inches)


Similar Part No. - APT15D60K

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60K ADPOW-APT15D60K Datasheet
53Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60K ADPOW-APT15D60K Datasheet
131Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
APT15D60K ISC-APT15D60K Datasheet
310Kb / 2P
   Ultra fast Rectifier
logo
Advanced Power Technolo...
APT15D60KG ADPOW-APT15D60KG Datasheet
131Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60K ADPOW-APT15D60K_05 Datasheet
131Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT15D60K

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com