Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSGM120100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSGM120100
Description  Dual In-line Package Type Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSGM120100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSGM120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSGM120100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual-in-line
Package Type
240
Detector
Push
Slide
Rotary
Encoders
Power
TACT Switch
TM
Custom-
Products
Photo
List of Varieties
40
±2℃, 90 to 95%RH for 250h
241
Series
Items
SSGM
Operating temperature range
–40
℃ to +85℃
25mA 24V DC
(At opening and closing),0.1A 50V DC(When energized),50
BA 3V DC
50m
Ω max./100mΩ max.
100M
Ω min. 500V DC
500V AC for 1minute
5N for 1minute
10N
10N
–40
±2℃ for 250h
85
±2℃ for 250h
350
±5℃, 5s max.
Please see P.244
270
±5℃, 10±1s
Electrical
performance
Mechanical
performance
Environmenta
l performance
Coutact resistance
(Initial performance/After life time)
Insulation resistance
Voltage proof
Terminal strength
Cold
Dry heat
Damp heat
Page
Resistance to
soldering heat
Manual
soldering
Dip
soldering
Reflow
soldering
3,000cycles
3,000cycles
(25 mA 24V DC)
Durability
Operating
life
Without
load
With load
Actuator
strength
Operating
direction
Pulling
direction
Rating
(max.)/
(min.)
(Resistive load)
Dual In-line Package Type Switches
Soldering Conditions …………………………………………………………………………………………………………244
Dual In-line Package Type Switches Cautions ……………………………………………………………………………245


Similar Part No. - SSGM120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
755Kb / 5P
   2 to 10 Circuits-designed Type
More results

Similar Description - SSGM120100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
logo
List of Unclassifed Man...
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
   Dual In Line Switches - Piano Type
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
   Single In-line Package Switches
26 Aug 20
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
SPA CK-COMPONENTS-SPA Datasheet
145Kb / 2P
   Single In-line Package Switches
logo
List of Unclassifed Man...
SBS1002T ETC2-SBS1002T Datasheet
1Mb / 1P
   Dual-in-line Switches
logo
TE Connectivity Ltd
114-1056 TEC-114-1056 Datasheet
140Kb / 7P
   Dual In- Line Package
408-7779 TEC-408-7779 Datasheet
121Kb / 4P
   Dual In- Line Package
logo
List of Unclassifed Man...
MCEIR-08 ETC2-MCEIR-08 Datasheet
128Kb / 5P
   Dual In Line Switches - End Stackable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com