Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS400 Datasheet(PDF) 1 Page - Rohm

Part # 1SS400
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400 Datasheet(HTML) 1 Page - Rohm

  1SS400_1 Datasheet HTML 1Page - Rohm 1SS400_1 Datasheet HTML 2Page - Rohm 1SS400_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS400
Diodes
Rev.D
1/2
EMD2
0.8
Switching diode
1SS400
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
High speed switching
Features
1) Ultra small mold type. (EMD2)
2) High reliability.
Construction
Silicon epitaxial planar
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
Sym bol
Min.
Typ.
Max.
Unit
Conditions
VF
--
1.2
V
IF=100m A
IR
--
0.1
µA
VR=80V
Ct
-
-
3
pF
VR=0.5V , f=1MHz
trr
-
-
4
ns
VR=6V , IF=10m A , RL=100Ω
Revers e current
Param eter
Forward voltage
Revers e recovery tim e
Capacitance between term inal
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Tj
Tstg
Surge current (t=1s)
500
Junction temperature
Storage temperature
125
-55 to +125
Limits
80
100
90
225
Parameter
Reverse voltage (DC)
Average rectified forward current
Reverse voltage (repetitive peak)
Forward voltage (repetitive peak)
ROHM : EMD2
JEITA : SC-79
JEDEC :SOD-523
dot (year week factory)
0.12±0.05
0.6±0.1
0.3±0.05
0.8±0.05
0.95±0.06
0
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.05
0.2±0.05
0.76±0.05
φ0.5
2.0±0.05
空ポケット
0.2


Similar Part No. - 1SS400_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
   200mA Surface Mount High Speed Switching Diode
logo
ON Semiconductor
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
More results

Similar Description - 1SS400_1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com