Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS224100 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS224100
Description  Slide Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS224100 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SSSS224100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS224100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS224100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS224100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS224100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS224100 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
154
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
SSSS2
SSSS7
SSAH, SSAG
SSSS8
Horizontal
1-pole, 2-positions
1-pole, 3-positions
(1.5mm)
Vertical
1-pole, 3-positions
Horizontal
1-pole, 2-positions
Vertical
1-pole, 2-positions
Horizontal
1-pole, 3-positions
2-poles, 3-positions
1-pole, 3-positions
(2mm)
1-pole, 4-positions
2-poles, 2-positions
SSAD
Vertical
Soldering Conditions
300
200
100
A max.
B
C
Time (s)
20 max.
E max.
Pre-heating
D max.
F
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where
the PC board's temperature greatly differs from that of the switch, depending on the PC board's material, size,
thickness, etc. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
3.
※SSAH and SSAG only 40's.
Notes
Series
(Reflow type)
250
240
240
250
260
200
220
230
150
120
255
240
200
220
A
(℃)
3s max.
B
(℃)
C
(℃)
D
(s)
E
(s)
F
(s)
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2
φ CA(K)or CC(T)at soldering portion(copper foil surface).A heat resisting tape
should be used for fixed measurement.
3. Temperature profile
Slide Switches


Similar Part No. - SSSS224100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS224100 ALPS-SSSS224100 Datasheet
1Mb / 7P
   Excellent application for designing compact and high density portable devices
More results

Similar Description - SSSS224100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
   Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com