Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS910400 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS910400
Description  Slide Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS910400 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS910400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS910400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
131
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
11.5
2
2
22
9
0.5
A
PC board
mounting face
4.7
2
0.35
3.7
Travel
Terminal No.1
14
2
2-C0.3
2
22
11.5
0.5
Travel
4.7
2
0.35
3.7
A
PC board
mounting face
4
2
Terminal No. 1
c
b
a
22
4-ø0.7 holes
4
22
3-ø0.7 holes
11.5
2
2-C0.3
2
2 2
9
0.5
4.7
2
0.35
A
PC board
mounting face
a
13.3
14.3
Travel
Terminal No. 1
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
1
1-pole, 2-positions
Standard type
2
1-pole, 2-positions
Snap-in type
3
Dimensions
Unit:mm
Vertical Actuator Type
22
3-ø0.7 holes
1.5
1.5
13.9
1-pole, 3-positions
Standard type
5(H)mm, 2mm-travel Type
SSSS9 Series
Slide Switch
14
2
2
22
11.5
0.5
4.7
2
0.35
A
PC board
mounting face
a
15.9
16.9
4
Terminal No.1
2-C
0.3
Travel
ab c
2
22
4-ø0.7 holes
1.5
1.5
16.5
4
4
1-pole, 3-positions
Snap-in type


Similar Part No. - SSSS910400

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS910400 ALPS-SSSS910400 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
More results

Similar Description - SSSS910400

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com