Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS921800 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS921800
Description  Slide Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS921800 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSS921800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS921800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS921800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS921800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS921800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS921800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
133
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
2
2
3-ø0.7 holes
1.5
1.5
13.9
22
4-ø0.7 holes
4
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
9
1-pole, 2-positions
Snap-in type
10
1-pole, 3-positions
Standard type
Dimensions
Unit:mm
Horizontal Actuator Type
Terminal No.1
2
11.5
13.3
4.7
3 or 5
0.35
2 or 4
14.3
9
2
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
a
A
22
4-ø0.7 holes
1.5
1.5
16.5
4
Terminal No.1
2
5.5
2.5
0.35
7.2
3 or 5
2 or 4
11.5
9
2
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
A
11
1-pole, 3-positions
Snap-in type
12
2-poles, 2-positions
Standard type
6-ø0.7 holes
22
Terminal No.1
2
2
14
15.9
4.7
3or5
0.35
2or4
16.9
11.5
24
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
a
abc
A
Terminal No.1
22
3.7
4.7
3or5
0.35
2or4
14
11.5
24
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
ab c
A
5(H)mm, 2mm-travel Type
SSSS9 Series
Slide Switch


Similar Part No. - SSSS921800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS921800 ALPS-SSSS921800 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
More results

Similar Description - SSSS921800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com