Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75DR-006 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75DR-006
Description  DUAL ROTARY ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75DR-006 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75DR-006 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DUAL ROTARY ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 75DR-006
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-600 MHz
Impedance
75 Ohms nominal
Attenuation Range
0-80 dB in 1 dB steps
VSWR
1.3:1 maximum
Attenuation Accuracy
DC-100 MHz
± 0.1 dB
(0-10 dB)
± 0.3 dB
(10-80 dB)
100-400 MHz
± 0.2 dB
(0-10 dB)
± 0.6 dB
(10-80 dB)
400-600 MHz
± 0.3 dB
(0-10 dB)
± 0.8 dB
(10-80 dB)
Insertion Loss
0.75 dB maximum
RF Input Power
1 Watt average
1000 Watts peak
Direction of Rotation
Attenuation increases in a Clockwise
direction
Indexing
30 degrees with stops at
Minimum and maximum
RF Connector
BNC, F, or N female
Operating Temperature Range
-20ºC to +85ºC
Physical Size
See outline drawing 092-327-03 (N)
092-1513-03 (BNC)
3066
03/26/1999
A
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
9999
05/15/2003
B
BAC 04/13/2004
4574
04/13/2004
C
CLV 04/13/2004
17479
07/28/2009
E
TRS 07/28/2009
17253
05/26/2009
D
TRS 05/27/2009
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75DR-006

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75DR-006 JFW-75DR-006 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
75DR-006 JFW-75DR-006_17 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
More results

Similar Description - 75DR-006

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50DR-063 JFW-50DR-063 Datasheet
26Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-119 JFW-50DR-119 Datasheet
26Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-060 JFW-50DR-060 Datasheet
32Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-055 JFW-50DR-055_17 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-121 JFW-50DR-121 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-129 JFW-50DR-129 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
75DR-003 JFW-75DR-003_17 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
75DR-029 JFW-75DR-029 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
75DR-026 JFW-75DR-026 Datasheet
27Kb / 1P
   DUAL ROTARY ATTENUATOR
50DR-091 JFW-50DR-091 Datasheet
31Kb / 1P
   DUAL ROTARY ATTENUATOR
75DR-015 JFW-75DR-015 Datasheet
26Kb / 1P
   DUAL ROTARY ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com