Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2460S+R Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2460S+R
Description  SHA-1 Coprocessor with EEPROMAbridged Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2460S+R Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS2460S+R Datasheet HTML 1Page - Maxim Integrated Products DS2460S+R Datasheet HTML 2Page - Maxim Integrated Products DS2460S+R Datasheet HTML 3Page - Maxim Integrated Products DS2460S+R Datasheet HTML 4Page - Maxim Integrated Products DS2460S+R Datasheet HTML 5Page - Maxim Integrated Products DS2460S+R Datasheet HTML 6Page - Maxim Integrated Products DS2460S+R Datasheet HTML 7Page - Maxim Integrated Products DS2460S+R Datasheet HTML 8Page - Maxim Integrated Products DS2460S+R Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Abridged Data Sheet
DS2460
8 of 9
Since a 885
 pullup resistor, as would be required to meet the rise time specification at 400pF bus capacitance, is
lower than RPMIN at 5.5V, a different approach is necessary. The "Max. Load…" line in Figure 11 is generated by
first calculating the minimum pullup resistor at any given operating voltage ("Minimum RP" line) and then calculating
the respective bus capacitance that yields a rise time of 300ns.
Only for pullup voltages of 3V and lower can the maximum permissible bus capacitance of 400pF be maintained. A
reduced bus capacitance of 300pF is acceptable for pullup voltages of 4V and lower. For fast speed operation at
any pullup voltage, the bus capacitance must not exceed 200pF. The corresponding pullup resistor value at the
voltage is indicated by the "Minimum RP " line.
Figure 11. I²C Fast Speed Pullup Resistor Selection Chart
0
400
800
1200
1600
2000
12
3
45
Pull-up Voltage
0
100
200
300
400
500
"Minimum Rp"
Max. Load at Min. Rp fast mode
I²C Bus Compliance
Although the I²C protocol definition does not explicitly forbid a START - STOP - START sequence, the DS2460
does not tolerate it. If a START, STOP, START sequence has been issued, transmit the following sequence before
communicating with the DS2460: START, 10xxxxxx byte (x = don’t care bits), ACK/NACK bit, STOP.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-“ in the package code
indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of
RoHS status.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 SO
S8+4
21-0041


Similar Part No. - DS2460S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460S++ DALLAS-DS2460S+ Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
DS2460S+/TR DALLAS-DS2460S+/TR Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
More results

Similar Description - DS2460S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
   DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
   Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com