Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3231S Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3231S
Description  Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231S Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3231S Datasheet HTML 1Page - Maxim Integrated Products DS3231S Datasheet HTML 2Page - Maxim Integrated Products DS3231S Datasheet HTML 3Page - Maxim Integrated Products DS3231S Datasheet HTML 4Page - Maxim Integrated Products DS3231S Datasheet HTML 5Page - Maxim Integrated Products DS3231S Datasheet HTML 6Page - Maxim Integrated Products DS3231S Datasheet HTML 7Page - Maxim Integrated Products DS3231S Datasheet HTML 8Page - Maxim Integrated Products DS3231S Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.3V to 5.5V, VCC = Active Supply (see Table 1), TA = TMIN to TMAX, unless otherwise noted.) (Typical values are at VCC =
3.3V, VBAT = 3.0V, and TA = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
fOUT
VCC = 3.3V or VBAT = 3.3V
32.768
kHz
0°C to +40°C
±2
Frequency Stability vs.
Temperature (Commercial)
f/fOUT
VCC = 3.3V or
VBAT = 3.3V,
aging offset = 00h
>40°C to +70°C
±3.5
ppm
-40°C to <0°C
±3.5
0°C to +40°C
±2
Frequency Stability vs.
Temperature (Industrial)
f/fOUT
VCC = 3.3V or
VBAT = 3.3V,
aging offset = 00h
>40°C to +85°C
±3.5
ppm
Frequency Stability vs. Voltage
f/V
1
ppm/V
-40°C
0.7
+25°C
0.1
+70°C
0.4
Trim Register Frequency
Sensitivity per LSB
f/LSB
Specified at:
+85°C
0.8
ppm
Temperature Accuracy
Temp
VCC = 3.3V or VBAT = 3.3V
-3
+3
°C
First year
±1.0
Crystal Aging
f/fO
After reflow,
not production tested
0–10 years
±5.0
ppm
ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT = 3.63V
70
Active Battery Current
IBATA
EOSC = 0, BBSQW = 0,
SCL = 400kHz (Note 4)
VBAT = 5.5V
150
μA
VBAT = 3.63V
0.84
3.0
Timekeeping Battery Current
IBATT
EOSC = 0, BBSQW = 0,
EN32kHz = 1,
SCL = SDA = 0V or
SCL = SDA = VBAT (Note 4) VBAT = 5.5V
1.0
3.5
μA
VBAT = 3.63V
575
Temperature Conversion Current
IBATTC
EOSC = 0, BBSQW = 0,
SCL = SDA = 0V or
SCL = SDA = VBAT
VBAT = 5.5V
650
μA
Data-Retention Current
IBATTDR
EOSC = 1, SCL = SDA = 0V, +25°C
100
nA


Similar Part No. - DS3231S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3231S DALLAS-DS3231S Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231S MAXIM-DS3231S Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231S# MAXIM-DS3231S# Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
logo
Dallas Semiconductor
DS3231S++ DALLAS-DS3231S+ Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231S- MAXIM-DS3231S- Datasheet
362Kb / 20P
   Extremely Accurate I2C-Integrated
Rev 7; 3/10
More results

Similar Description - DS3231S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com