Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4625 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4625
Description  3.3V Dual-Output LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4625 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4625 Datasheet HTML 1Page - Maxim Integrated Products DS4625 Datasheet HTML 2Page - Maxim Integrated Products DS4625 Datasheet HTML 3Page - Maxim Integrated Products DS4625 Datasheet HTML 4Page - Maxim Integrated Products DS4625 Datasheet HTML 5Page - Maxim Integrated Products DS4625 Datasheet HTML 6Page - Maxim Integrated Products DS4625 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3.3V Dual-Output LVPECL Clock Oscillator
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
fC DEVIATION vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-40
-30
-20
-10
0
10
20
30
40
50
-50
-40
fC DEVIATION vs. VCC
VCC (V)
3.6
3.5
3.4
3.3
3.2
3.1
0.5
1.0
1.5
2.0
2.5
3.0
0
3.0
ICC vs. VCC
VCC (V)
3.5
3.4
3.3
3.2
3.1
60
70
80
90
100
110
120
130
140
50
3.0
3.6
ICC_PU
ICC_PL
ONE OUTPUT LOADED
Pin Description
PIN
NAME
FUNCTION
1
OE
Active-High Output Enable. Has an internal pullup resistor (RPU).
2, 3
GND
Ground
4
OP1
Positive Output 1 for LVPECL
5
ON1
Negative Output 1 for LVPECL
6
VCC
Supply Voltage Input
A1, A2
N.C.
No Internal Connection. Must be connected to ground.
A3
OP2
Positive Output 2 for LVPECL
A4
ON2
Negative Output 2 for LVPECL
EP
Exposed Pad. The exposed pad must be used for thermal relief. This pad must be connected to
ground.


Similar Part No. - DS4625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+100/150 MAXIM-DS4625P+100/150 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+125/125 MAXIM-DS4625P+125/125 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+125/156 MAXIM-DS4625P+125/156 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+150/150 MAXIM-DS4625P+150/150 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
More results

Similar Description - DS4625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com