Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4625P+200 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS4625P+200
Description  3.3V Dual-Output LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4625P+200 Datasheet(HTML) 6 Page - Maxim Integrated Products

  DS4625P+200 Datasheet HTML 1Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 2Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 3Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 4Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 5Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 6Page - Maxim Integrated Products DS4625P+200 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3.3V Dual-Output LVPECL Clock Oscillator
6
_______________________________________________________________________________________
Detailed Description
The DS4625 is a dual-output, low-jitter clock oscillator
that produces frequency output pair combinations as
shown in the
Ordering Information/Selector Guide table.
The phase relationship between the outputs is not guar-
anteed. The device combines an AT-cut, fundamental-
mode crystal, an oscillator, and a low-noise PLL in a
5.0mm x 3.2mm surface-mount LCCC package.
The DS4625 provides dual LVPECL clock output dri-
vers. The output drivers can be enabled and disabled
through the OE pin. The OE pin is an active-high CMOS
input that has an internal pullup resistor. When OE is
high, both output pairs are enabled.
Chip Information
PROCESS: Bipolar SiGe
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
1
2
3
6
5
4
TOP VIEW
OE
GND
N.C.
N.C.
A1
A2
A3
A4
OP2
ON2
GND
VCC
ON1
OP1
+
(5.00mm
× 3.20mm × 1.49mm)
DS4625
*EP
*EXPOSED PAD
Pin Configuration
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
10 LCCC
L1053+H2
21-0389
VCC
OP1
ON1
OE
GND
0.01
μF
0.1
μF
50
Ω
50
Ω
PECL_BIAS AT VCC - 2.0V
OP2
ON2
50
Ω
50
Ω
PECL_BIAS AT VCC - 2.0V
DS4625
Typical Application Circuit


Similar Part No. - DS4625P+200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625P+100/150 MAXIM-DS4625P+100/150 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+125/125 MAXIM-DS4625P+125/125 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+125/156 MAXIM-DS4625P+125/156 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+150/150 MAXIM-DS4625P+150/150 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4625P+150/200 MAXIM-DS4625P+150/200 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
More results

Similar Description - DS4625P+200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
   14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
EML5234 CONNOR-WINFIELD-EML5234 Datasheet
184Kb / 2P
   3.3V 9x14mm SURFACE MOUNT LVPECL CLOCK OSCILLATOR
logo
Crystek Corporation
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com