Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1862 Datasheet(PDF) 2 Page - Rohm

Part # 2SD1862
Description  Medium power transistor (32V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1862 Datasheet(HTML) 2 Page - Rohm

  2SD1862 Datasheet HTML 1Page - Rohm 2SD1862 Datasheet HTML 2Page - Rohm 2SD1862 Datasheet HTML 3Page - Rohm 2SD1862 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Data Sheet
2SD1766 / 2SD1758 / 2SD1862
Electrical characteristics (Ta=25
C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
Min.
40
32
5
1
1
390
VIC
=50μA
IC
=1mA
IE
=50μA
VCB
=20V
VEB
=4V
VCE
=3V, IC=0.5A
V
V
μA
μA
Typ.
Max.
Unit
Conditions
120
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
VCE(sat)
fT
Cob
0.5
100
30
0.8
IC/IB
=2A / 0.2A
VCE
=5V, IE=−50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
MHz
pF
Collector-emitter saturation voltage
Transition frequency
Output capacitance
∗ Measured using pulse current.
Packaging specifications and hFE
2SD1766
Type
T100
1000
hFE
TL
2500
TV2
2500
2SD1758
2SD1862
QR
QR
QR
Package
Taping
Code
Basic ordering
unit (pieces)
hFE values are classified as follows :
Item
hFE
R
180 to 390
Q
120 to 270
Electrical characteristic curves
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
02.0
1000
2000
1
200
500
100
20
50
10
2
5
0.2
0.6
0.4
0.8 1.0 1.2 1.4 1.6 1.8
Ta
=25°C
VCE
=3V
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics
0
0.1
0.2
0.3
0.4
0.5
0.4
0.8
1.2
1.6
2.0
0
Ta
=25°C
IB
=0A
3.0mA
2.7mA
2.4mA
2.1mA
1.8mA
1.5mA
1.2mA
0.9mA
0.6mA
0.3mA
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector
current
5
500
10
20
50 100 200
500 1A 2A
200
100
50
20
Ta
=25°C
VCE
=3V
1V
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation
voltage vs. collector current
500
20
200
100
50
5
10 20
50 100 200
500 1A 2A
Ta
=25°C
10
20
IC/IB
=50
COLLECTOR CURRENT : IC (mA)
Fig.5 Collector-emitter saturation
voltage vs. collector current
5
1
2
0.2
0.5
0.1
10 20
50 100 200
500 1A 2A
Ta
=25°C
IC/IB
=10
EMITTER CURRENT : IE (mA)
Fig.6 Transition frequency vs. emitter
current
−2
−1
200
−5 −10 −20 −50 −100−200 −500 −1A
500
1000
100
50
20
Ta
=25°C
VCE
=5V


Similar Part No. - 2SD1862

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
2SD1862 ROHM-2SD1862 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
logo
Foshan Blue Rocket Elec...
2SD1862 FOSHAN-2SD1862 Datasheet
839Kb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
Rohm
2SD1862 ROHM-2SD1862 Datasheet
176Kb / 4P
   Medium power transistor (32V, 2A)
More results

Similar Description - 2SD1862

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
   Medium power transistor (32V, 2A)
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
   Medium power transistor (-32V, -2A)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
   Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
   Medium Power Transistor (32V, 2A)
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
   Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
   Medium power transistor (32V, 2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com