Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1530ETJ+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1530ETJ+T
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1530ETJ+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1530ETJ+T Datasheet HTML 1Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 2Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 3Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 4Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 5Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 6Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 7Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 8Page - Maxim Integrated Products MAX1530ETJ+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, VEN = VSEQ = 5V, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Comparator Bandwidth
For EN, FB, FBL_
10
kHz
Duration to Trigger Fault Latch
For FB, FBL_
51
64
77
ms
Overcurrent Protection Threshold
(VCSH - VCSL)
270
300
330
mV
Overcurrent Sense Common-
Mode Range
VCSH, VCSL
2.7
28.0
V
CSH Input Current
VCSH = 2.7V to 28V
100
µA
CSL Input Current
VCSL = VCSH = 12V
-50
+50
nA
Overcurrent Sense Filter RC Time
Constant
50
µs
THERMAL PROTECTION
Thermal Shutdown
Temperature rising, 15°C hysteresis
160
°C
RESET FUNCTION
RSTIN Reset Trip Level
RSTIN falling, 25mV hysteresis
1.081
1.114
1.147
V
RSTIN Input Leakage Current
VRSTIN = 1.5V
-50
+50
nA
Comparator Bandwidth
10
kHz
Reset Timeout Period
102
128
154
ms
RESET Output Low Level
IRESET = -1mA
0.4
V
RESET Output High Leakage
VRESET = 5V
1
µA
STEP-DOWN CONTROLLER
ERROR AMPLIFIER
FB Regulation Voltage
1.223
1.238
1.253
V
Transconductance
FB to COMP
70
100
140
µS
Voltage Gain
FB to COMP
200
V/V
Minimum Duty Cycle
15
%
FB Input Leakage Current
VFB = 1.5V
-50
+50
nA
FB Input Common-Mode Range
(Note 2)
-0.1
+1.5
V
COMP Output Minimum Voltage
VFB = 1.5V
1
V
COMP Output Maximum Voltage
VFB = 1.175V
3
V
Current-Sense Amplifier Voltage
Gain
VIN - VLX
2.75
3.5
4.0
V/V
Current-Limit Threshold
(Default Mode)
PGND - LX, ILIM = VL
190
250
310
mV
Current-Limit Threshold
(Adjustable Mode)
PGND - LX, VILIM = 1.25V
190
250
310
mV
ILIM Input Dual Mode™ Threshold
3.0
3.5
4.00
V
OSCILLATOR
FREQ = AGND
200
250
300
Switching Frequency
FREQ = VL
425
500
575
kHz
FREQ = AGND
75
80
88
Maximum Duty Cycle
FREQ = VL
75
80
88
%
Multiple-Output Power-Supply Controllers for
LCD Monitors
_______________________________________________________________________________________
3
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1530ETJ+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530ETJ MAXIM-MAX1530ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1530ETJ+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com